Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL73006SLHDEMO2Z Datasheet HTML 1Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 2Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Datasheet
R34DS0034EU0101 Rev.1.01
Page 1
Mar 13, 2024
© 2023-2024 Renesas Electronics
The ISL73006SLH is a radiation hardened
Point-of-Load (POL) buck regulator that provides up
to 1A of output current capability with an input voltage
ranging from 3V to 18V. The device uses constant
frequency peak current mode control architecture for
fast loop transient response. The device uses internal
compensationor an external Type-II compensation to
optimize performance and stabilize the loop. The
ISL73006SLH has an internally configured switching
frequency of 500kHz. .
The ISL73006SLH integrates high-side (P-channel)
and low-side (N-channel) power FETs. There are
options for external or internal compensation and
slope control that can be implemented with a
minimum of external components reducing the BOM
count and design complexity.
The ISL73006SLH includes a comprehensive suite of
operational features and protections, including preset
undervoltage, overvoltage, overcurrent protections,
power-good, soft-start, and over-temperature.
The ISL73006SLH operates across the temperature
range of -55°C to +125°C and is available in a 10-lead
ceramic dual in-line flat package (CDFP) and die
form.
Applications
▪ Low Power Auxiliary Rails for FPGAs, DSPs,
CPUs, and ASICs
Features
▪ Qualified to Renesas Rad Hard QML-V Equivalent
Screening and QCI Flow (R34TB0001EU)
• All screening and QCI is in accordance with
MIL-PRF-38535 Class-V
▪ Input Bias Voltage
• 3V to 18V
▪ Internal or external loop compensation
▪ 1% reference voltage over-temperature and
radiation
▪ Positive and negative overcurrent,
over/undervoltage, and over-temperature
protections
▪ High 500kHz efficiency ~95% from 0.4A to 1A
▪ Adjustable slope compensation
▪ TID Rad Hard Assurance (RHA) wafer-by-wafer
testing
• LDR (0.01rad(Si)/s): 75krad(Si)
▪ SEE Characterization
• No DSEE for VIN = 16.5 and 86MeV•cm2/mg
• SEFI <10µm2 at 86MeV•cm2/mg
• SET <2.5% on VOUT at 86MeV•cm2/mg
Figure 1. External Compensation Application Diagram for 12V to 3.3V
10
9
8
7
6
1
2
3
4
5
PGND
PVIN
EN
VCC
SLOPE
LX
PG
SGND
COMP
FB
+
15µH
44µF
4.7nF
12k
10k
2.21k
44µF
2.2µF
40.7k
10k
ISL73006SLH
Radiation Hardened 18V, 1A Point-of-Load Regulator


Similar Part No. - ISL73006SLHDEMO2Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL73002SEHF RENESAS-ISL73002SEHF Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL73002SEHFE RENESAS-ISL73002SEHFE Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL73002SEHVF RENESAS-ISL73002SEHVF Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL73002SEHVFE RENESAS-ISL73002SEHVFE Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL73002SEHVX RENESAS-ISL73002SEHVX Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
More results

Similar Description - ISL73006SLHDEMO2Z

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPOL5A-12-SIP CUI-VPOL5A-12-SIP Datasheet
248Kb / 12P
point of load converter
VPOL10A-12W-SIP CUI-VPOL10A-12W-SIP Datasheet
562Kb / 13P
point of load converter
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
VID Voltage Programmer for Point of Load Regulator
logo
Peregrine Semiconductor
PE99151 PSEMI-PE99151 Datasheet
440Kb / 15P
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99153 PSEMI-PE99153 Datasheet
441Kb / 15P
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99155 PSEMI-PE99155 Datasheet
459Kb / 15P
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99151 PSEMI-PE99151_14 Datasheet
465Kb / 15P
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
logo
Renesas Technology Corp
ISL70005SEH RENESAS-ISL70005SEH Datasheet
1Mb / 46P
Radiation Hardened Dual Output Point-of-Load, Integrated Synchronous Buck and Low Dropout Regulator
Jul 28, 2022
ISL70061SEH RENESAS-ISL70061SEH Datasheet
725Kb / 23P
Radiation Hardened 10A PMOS Load Switch
Dec.11.19
ISL70062SEH RENESAS-ISL70062SEH Datasheet
893Kb / 26P
Radiation Hardened 10A NMOS Load Switch
Feb.7.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com