Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 12Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 14Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 15Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 16Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 13
Mar 13, 2024
ISL73006SLH Datasheet
Figure 7. Shutdown Current vs Temperature
Figure 8. Enable Threshold to LX Switching vs
Temperature
Figure 9. Enable Threshold to LX Stop vs Temperature
Figure 10. Enable Threshold to VCC ON vs Temperature
Figure 11. Enable Threshold to VCC OFF vs
Temperature
Figure 12. Enable to PGOOD Soft-Start vs Temperature
TA = Room ambient, unless otherwise noted (Cont.)
0
20
40
60
80
100
120
140
-55
0
25
85
125
Temperature (°C)
3V
12V
18V
1.198
1.200
1.202
1.204
1.206
1.208
1.210
1.212
1.214
-55
0
25
85
125
Temperature (°C)
3V
12V
18V
1.002
1.004
1.006
1.008
1.010
1.012
1.014
1.016
-55
0
25
85
125
Temperature (°C)
3V
12V
18V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-55
0
25
85
125
Temperature (°C)
3V
12V
18V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-55
0
25
85
125
Temperature (°C)
3V
12V
18V
7.00
7.10
7.20
7.30
7.40
7.50
7.60
7.70
-55
0
25
85
125
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com