Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 21Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 26Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 27Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 28Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 25
Mar 13, 2024
ISL73006SLH Datasheet
inductor ripple current and Equation 15 to approximate the output voltage ripple, where ESR is the output
capacitor equivalent series resistance.
Increasing inductance reduces the ripple current and output voltage ripple; however, the regulator response time
to transient load increases.
One of the parameters limiting the regulator response to a load transient is the time required to change the
inductor current. The response time is the time required to slew the inductor current from its initial level to the
transient level. During this interval, the difference between the inductor and transient load current is sourced from
or sunk into the output capacitor. Minimizing the response time reduces the amount of transient voltage overshoot
and undershoot on the output capacitor.
The response time to a transient is different for the transient load on and off. Equation 16 gives the approximate
response time to a load step, where ITRAN is the transient load current step, tRISE is the inductor response time to
a turn-on load step, and tFALL is the response time to a turn-off load step.
The worst-case response time can be during either the load step on or off. Check for transient load response for
both turn-on and turn-off at the minimum and maximum load current.
6.
Layout Considerations
Proper layout of the PCB for the switching converter is important to ensure the switching converter works well to
minimize EMI and noise and ensure first pass success of the design. Figure 42 shows the connections of the most
critical top-layer components.
Note: Capacitors CIN and COUT can each represent multiple physical capacitors.
Renesas recommends using a multilayer printed circuit board with buried GND planes. A critical connection is a
thermal connection from the package thermal pad to the PCB PGND plane on the top layer. Additionally, connect
the IC PGND pins to this GND plane. This connection of the GND pins to the system GND plane ensures a low-
impedance path for all return currents and an excellent thermal path to dissipate heat. With this connection made,
place the high-frequency ceramic input capacitor(s) across the PVIN and PGND pins. The bulk capacitance can
be further away.
The power loop comprises the output inductor (LOUT), the output capacitor (COUT), the LX pins, and the PGND
pin. Make the power loop as short as possible and the connecting traces direct, short, and wide. An island for the
LX node to contain the output inductor is noisy, so keep the voltage feedback trace away from this noisy area.
Connect COUT tightly to LOUT and directly as possible to the PGND pins.
If implemented, the external compensation loop should also be as short as possible, with the connecting traces to
RCOMP and the CCOMP directly between the COMP and SGND pins. The SGND should be connected at 1 point to
the PGND plane out of the current flow of the ground plane. A convenient place is under the package to the
thermal pad. If implementing internal compensation, tie the COMP pin to VCC as directly as possible, likewise for
internal SLOPE selection. The two latter connections are not as critical and can be placed last.
(EQ. 14)
(EQ. 15)
(EQ. 16)
IRIPPLE
VIN VOUT
–

fSW L
-------------------------------------
VOUT
VIN
----------------
=
VOUT_RIPPLE
IRIPPLE ESR
=
Load On: tRISE
L
ITRAN
VIN VOUT
–
--------------------------------
=
Load Off: tFALL
L
ITRAN
VOUT
---------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com