Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 18Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 19Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 20Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 21Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 22
Mar 13, 2024
ISL73006SLH Datasheet
RCOMP value is set by transient response requirement. We need to know Equation 6 and the transient step value
ΔIOUT.
We also need error amp transconductance (gm = 0.923mA/V) and modulator transconductance (GM = 4A/V,
which means 250mV voltage step at COMP node causes 1A output current step). Calculate RCOMP using
Equation 6.
Internal compensation is set in such a way as to ensure ±2% VOUT transient response for ±0.5A load current step.
CCOMP defines compensator zero frequency:
Set fz to ft/10 to maximize phase margin. However, this slows down transient response recovery time. You can
reduce this time by increasing fz (at the expense of the phase margin). In general, zero frequency should not
exceed ft/3 (12.7deg loss of phase margin).
When RCOMP is determined, use Equation 8 to calculate the output capacitance, where gm = 0.923mS,
GM = 4A/V, VREF = 0.6V, and unity gain frequency ft is typically fSW/10.
Equation 8 does not guarantee that transient response is met in all cases. The main reason is the nonlinear nature
of the switching regulator. To derive equations, approximate the modulator with a simple (and linear) GM stage,
which means any fast dV/dt at the input of GM produces equally fast dI/dt at the output. Because the output
inductor (L) limits dI/dt (dI/dt = V/L), in some cases (typically extremely low D or extremely large D), the current
slew rate dI/dt = V/L might get limited by V/L in which case transient response is going to be larger than expected.
In those cases, you must reduce L to increase dI/dt or increase COUT to slow down dV/dt at the GM input.
In the case of internal compensation (set for ±2% VOUT transient response with ±0.5A load current step),
calculate COUT_MIN using Equation 9:
Equations are derived for ideal COUT. Treat MLCCs as ideal capacitors because of small parasitic components
(ESR and ESL). In cases where you cannot use them, carefully consider the ESR value. In the case of extremely
fast transients (1A/ns for microprocessors), voltage drop (ESR x dI) appears extremely quickly, and the regulation
loop cannot react that fast. In those cases, you need to increase COUT. Transient response effectively has two
components (ESR and COUT). The solution is to reduce COUT transient by the ESR x dI product value. For
example, if 2% transient is required and ESR x dI causes 0.5% transient response, 1.5% transient should be used
to determine RCOMP.
Regarding loop stability, ESR zero must be canceled by a pole created with CPOLE such that:
(EQ. 5)
(EQ. 6)
(EQ. 7)
(EQ. 8)
(EQ. 9)
(EQ. 10)
k
V
OUT
VOUT
--------------------
=
RCOMP
I
OUT
kVREFgmEAGM
---------------------------------------------
=
fz
1
2
R
COMPCCOMP
---------------------------------------------------
=
COUT_MIN
VREFgmGMRCOMP
2
ftVOUT
--------------------------------------------------------
=
COUT_MIN F

40000
2
f
t kHz
V
OUT V

----------------------------------------------------
=
ESR COUT
RCOMPCPOLE
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com