Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 12Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 9
Mar 13, 2024
ISL73006SLH Datasheet
Thermal
Shutdown
Hysteresis[4]
ThermSDHYS
--
-
-
20
°C
Compensation
Internal Error
Amplifier Output
Transconductance
[4]
EAtranscon1
Internal Compensation Configuration
RCOMP = 1MΩ, CCOMP = 50pF
+25
-
0.022
-
mA/V
Internal Error
Amplifier Zero [4]
EAfz
fz = gm_integrater/(2pi(R2/R1)Ccomp)
+25
-
4.1
-
kHz
Internal Error
Amplifier
Gain-Bandwidth
Product[4]
EAGBP1
-+25
-
33
-
MHz
Internal Error
Amplifier DC
Gain[4]
EAAV1
1Hz
+25
55.3
82
-
dB
+125
58.5
82
-
External Error
Amplifier
Transconductance
EAtranscon2
PVIN = 5V, delta COMP current/delta
FB Voltage (10mV)
-55
0.93
1.057
1.18
mA/V
+25
0.82
0.923
1.02
mA/V
+125
0.68
0.768
0.87
mA/V
External Error
Amplifier DC
Gain[4]
EAAV2
1Hz
+25
66
80
-
dB
External Error
Amplifier Gain-
Bandwidth
Product[4]
EAGBP2
-
+25
15
-
-
MHz
Oscillator/Slope Generator
Switching
Frequency
fSW
VSLOPE = 1.2V
-55 to +125
450
500
550
kHz
SLOPE Pin
Current Source
ISLOPE
-
-55 to +125
10.5
12
13.5
µA
Internal SLOPE
Ramp Rate
tSLOPE
(VCOMP at 80%DC - VCOMP at 20%DC)/
(tMIN_ONat80%DC - tMIN_ON at 20%DC)
-55 to +125
0.1
0.13
0.16
V/µs
Enable
Rising Enable
Voltage Threshold
ENVIH
Enable Rising to LX Switching
-55 to +125
1.18
1.21
1.3
V
Falling Enable
Voltage Threshold
ENVIL
Enable Falling to LX Stops Switching
-55 to +125
0.96
1
1.06
V
Enable Voltage LX
Hysteresis
ENVIHhys
Enable Rising to LX Switching - Enable
Falling to LX Stop switching
-55 to +125
20
200
410
mV
Standby Enable
Voltage
SB_ENVIH
Enable Rising to VCC Enabled
-55 to +125
0.45
0.76
1
V
Unless otherwise noted, PVIN = 3V and 18V; PGND = SGND = 0V; LX = Open Circuit; PGOOD is pulled up to PVIN with a 10k
resistor; IOUT = 0A; TJ = TA, rDS(ON) is pulse tested. Boldface limits apply across the operating temperature range, -55°C to
+125°C by production testing; over a total ionizing dose of 75krad(Si) at +25°C with exposure at a low dose rate of
<10mrad(Si)/s. (Cont.)
Parameter
Symbol
Test Conditions
Temp. (°C)
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com