Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 7
Mar 13, 2024
ISL73006SLH Datasheet
3.
Specifications
3.1
Absolute Maximum Ratings
Caution: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely
impact product reliability and result in failures not covered by warranty.
3.2
Thermal Information
3.3
Recommended Operating Conditions
Parameter
Minimum
Maximum
Unit
PVIN
PGND - 0.3
+20
V
PVIN[1]
1.
LET = 86MeV•cm2/mg at 125°C (TC)
PGND + 3.0
PGND + 16.5
V
SGND
PGND - 0.1
PGND + 0.1
V
FB, COMP, SLOPE
PGND - 0.3
VCC + 0.3
V
EN
PGND - 0.3
5.3
V
PG
PGND - 0.3
PVIN
V
Peak Output Current
-
Overcurrent Protected
A
LX DC Output Current
-
1.13
A
Maximum Junction Temperature
-
+150
°C
Maximum Storage Temperature Range
-65
+150
°C
Human Body Model (Tested per MIL-PRF-883 3015.7)
-
2.5
kV
Charged Device Model (Tested per JS-002-2022)
-
1
kV
Latch-Up (Tested per JESD78E; Class 2, Level A)
-
±100
mA
Parameter
Package
Symbol
Conditions
Typical
Value
Unit
Thermal Resistance
10 Ld CDFP Package
θJA[1]
1.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with direct attach features.
See TB379.
Junction to ambient
31
°C/W
θJC[2]
2.For
JC, the case temperature location is the center of the metallization on the package underside.
Junction to case
6
°C/W
Parameter
Minimum
Maximum
Unit
Input Voltage (PVIN)
PGND + 3.0
+18
V
Output Current
0
1
A
External RSLOPE Resistor
25
100
kΩ
Ambient Temperature
-55
+125
°C
Junction Temperature
-55
+150
°C
Output Voltage
0.6
Limited by min on/off
timing constraints & fSW
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com