Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 12Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 14Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 11
Mar 13, 2024
ISL73006SLH Datasheet
Phase
Minimum LX
On-Time[5]
tMIN_ON
PVIN = 12V, Forced Min On-Time by
COMP bias, No Load
-55 to +125
-
230
280
ns
Minimum LX
Off-Time[5]
tMIN_OFF
PVIN = 12V, Forced Min Off-Time by
COMP bias, No Load
-55 to +125
-
171
210
ns
CDFP Upper FET
rDS(ON)[2][3]
-55UPRDSON_3
PVIN = 3.0V, IOUT = 200mA
-55
235
280
320
mΩ
-55UPRDSON_5
PVIN = 5.5V, IOUT = 200mA
190
236
275
25UPRDSON_3
PVIN = 3.0V, IOUT = 200mA
+25
320
370
410
25UPRDSON_5
PVIN = 5.5V, IOUT = 200mA
255
305
360
125UPRDSON_3
PVIN = 3.0V, IOUT = 200mA
+125
435
495
550
125UPRDSON_5
PVIN = 5.5V, IOUT = 200mA
350
405
460
Post Rad CDFP
Upper FET
rDS(ON)[2][3]
25UPRDSON_3
PVIN = 3.0V, IOUT = 200mA
+25
(Post Rad)
320
-
440
mΩ
25UPRDSON_5
PVIN = 5.5V, IOUT = 200mA
255
-
390
CDFP Lower FET
rDS(ON)[2][3]
-55LWRDSON_3
PVIN = 3.0V, IOUT = 200mA
-55
105
139
175
mΩ
-55LWRDSON_5
PVIN = 5.5V, IOUT = 200mA
100
122
150
25LWRDSON_3
PVIN = 3.0V, IOUT = 200mA
+25
165
203
240
25LWRDSON_5
PVIN = 5.5V, IOUT = 200mA
155
178
205
125LWRDSON_3
PVIN = 3.0V, IOUT = 200mA
+125
270
312
350
125LWRDSON_5
PVIN = 5.5V, IOUT = 200mA
240
274
310
Post Rad CDFP
Lower FET
rDS(ON)[2][3]
25LWRDSON_3
PVIN = 3.0V, IOUT = 200mA
+25
(Post Rad)
165
-
240
mΩ
25LWRDSON_5
PVIN = 5.5V, IOUT = 200mA
155
-
205
DIE Upper FET
rDS(ON)[3]
25DUPRDSON_3 PVIN = 3.0V, IOUT = 200mA
+25
290
309
355
mΩ
25DUPRDSON_5 PVIN = 5.5V, IOUT = 200mA
225
244
300
DIE Lower FET
rDS(ON)[3]
25DLWRDSON_3 PVIN = 3.0V, IOUT = 200mA
140
159
190
mΩ
25DLWRDSON_5 PVIN = 5.5V, IOUT = 200mA
120
134
160
1. Typical values are at 25°C and are not guaranteed.
2. Typical values shown are at stated temperature and are not guaranteed.
3. Parameter tested in a Test Mode not available to user.
4. Limits established by characterization and/or design analysis and are not production tested.
5. The operating envelope may be reduced by Minimum On-Time and Minimum Off Time constraints.
Unless otherwise noted, PVIN = 3V and 18V; PGND = SGND = 0V; LX = Open Circuit; PGOOD is pulled up to PVIN with a 10k
resistor; IOUT = 0A; TJ = TA, rDS(ON) is pulse tested. Boldface limits apply across the operating temperature range, -55°C to
+125°C by production testing; over a total ionizing dose of 75krad(Si) at +25°C with exposure at a low dose rate of
<10mrad(Si)/s. (Cont.)
Parameter
Symbol
Test Conditions
Temp. (°C)
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com