Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 15Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 16Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 17Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 18Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 19Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 20Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 21Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 19
Mar 13, 2024
ISL73006SLH Datasheet
5.
Theory of Operation
5.1
Description of Features
The ISL73006SLH is a Radiation Hardened by design buck converter using constant frequency peak current
mode control architecture for fast loop transient response with a 3V to 18V input voltage regulating down to a
minimum 0.6V output voltage adjusted using external resistors. The ISL73006SLH is capable of ~95% efficiency
from 0.4A to the 1A maximum output rated current.
The ISL73006SLH can be configured such that the loop and slope compensations can either be defaulted to
internal attributes by tying pins to the VCC or be adjusted externally with passive components to meet particular
design requirements and performance optimization. These features can be mixed externally or internally when
implemented. This flexibility allows for a basic functional configuration with a minimal BOM or an optimized
configuration for the POL task.
5.2
Output Voltage Setting
Use Equation 1 to calculate the required regulated output voltage. For greater voltage accuracy, Renesas
recommends using 0.1% feedback resistors
.
▪ VOUT is the required regulated output voltage.
▪ VREF is the internal reference voltage on the VFB+ pin, which is 0.6V (typical).
▪ R1 is the bottom resistor in the feedback divider.
▪ R2 is the top resistor in the feedback divider.
5.3
Internal Configuration Summary Description
The ISL73006SLH loop and slope compensations can be configured entirely internally or partially internally with
either of the adjustable attributes. The corresponding COMP and SLOPE pins are connected to VCC to configure
each of these internally. Tying COMP to VCC configures an internal compensation optimized for <2% transient
response for the 0.5A current step.
Internal compensation has the additional benefit of significantly reducing Single Event Transients (SET) compared
to external compensation.Tying SLOPE to VCC selects the internal slope compensation with 250mV/T slew rate
(T = 1/fSW).
5.4
External Configuration Summary Description
You can individually configure the ISL73006SLH loop and slope compensation externally.
After you choose the external loop compensation, connect a Type II compensation network between the COMP
pin and the neighboring SGND pin.
You can select the external slope compensation by tying a resistor from the SLOPE pin to ground. The SLOPE pin
forces 12µA of current into the RSLOPE resistor (25kΩ ≤RSLOPE ≤ 100kΩ), which sets the voltage reference for the
internal slope. A 100kΩ resistor sets a maximum 250mV/T compensation slew rate, while a 25kΩ resistor sets a
minimum 62.5mV/T slew rate.
5.5
Time Constraints on DC/DC Voltage Conversion
The ISL73006SLH can operate across wide ranges of both input and output voltages; however, the step-down
conversion has to adhere to the minimum off and minimum on timing requirements. You can simply determine the
down conversion suitability by comparing the tON and tOFF specifications to the duty cycle high time and low time,
(EQ. 1)
VOUT
VREF 1
R2
R1
-------
+



=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com