Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 19Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 20Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 21Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 26Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 23
Mar 13, 2024
ISL73006SLH Datasheet
The temperature coefficient of the ESR can be significant and cause difficulty with this. You need careful
evaluation for wide temperature range operations. Consider a combination of Tantalum and MLCC capacitors to
achieve high total capacitance with lower ESR.
5.14
Input Capacitor Selection
Use a mix of input bypass capacitors to control the voltage overshoot and undershoot across the internal
MOSFETs of the synchronous buck regulator. Use small low ESR ceramic capacitors for high-frequency
decoupling and bulk capacitors to supply the current needed each time the upper MOSFET turns on. Place the
small ceramic capacitors physically close to the IC between the PVIN and PGND pins.
The critical parameters for the bulk input capacitance are the voltage and RMS current ratings. For reliable
operation, select bulk capacitors with voltage and current ratings above the maximum input voltage and largest
RMS current required by the circuit. Their voltage rating should be at least 1.5 times greater than the maximum
input voltage, while a voltage rating of 2.5 times is a conservative guideline when considering voltage derating
performance to 125°C. Consult the capacitor datasheets for temperature derating tables. For most cases, the
RMS current rating requirement for the input capacitor of a buck regulator is approximately 1/2 the DC load
current.
Use Equation 11 to closely approximate the maximum RMS current through the input capacitors.
The minimum recommended input capacitance for the ISL73006SLH is 22µF. Place these high-frequency,
low-ESR capacitors close to the VIN and PGND pins. These capacitors provide the instantaneous current into the
buck regulator during the high-frequency switching transitions.
5.15
Output Capacitor Selection
An output capacitor is required to filter the inductor ripple current and supply the load transient current. The
filtering requirements are a function of the switching frequency and the ripple current. The load transient
requirements are a function of the slew rate (di/dt) and the magnitude of the transient load current. These
requirements are generally achieved with a combination of bulk and decoupling capacitors with a careful layout.
High-frequency, low ESR ceramic capacitors initially supply the transient load current and reduce the current load
slew rate seen by the bulk capacitors. The Effective Series Resistance (ESR) and voltage rating requirements
generally determine the bulk filter capacitor values rather than actual capacitance requirements. Place
high-frequency decoupling capacitors as close to the power pins of the load as physically possible. Be careful not
to add inductance in the circuit board wiring that could cancel the usefulness of these low inductance components.
The shape of the output voltage waveform during a load transient that represents the worst-case loading
conditions ultimately determines the number of output capacitors and their type. When this load transient is
applied to the regulator, most of the current required by the load is initially contributed by the output capacitors.
This is due to the finite amount of time required for the inductor current to slew up or down to the level of the
output current required by the load. This results in a momentary undershoot or overshoot in the output voltage. At
the initial edge of the transient undershoot or overshoot, the Equivalent Series Inductance (ESL) of each capacitor
induces a spike that adds on top of the voltage drop due to the ESR. After the initial spike, the output voltage dips
down (load step on) or peaks up (load step off) as the output capacitor sources or sinks the transient load current
until the output inductor current reaches the load current. Figure 41 shows a typical response of the output voltage
to a transient load current.
(EQ. 11)
ICINrms
VOUT
VIN
----------------xIOUT
MAX
2
x1
VOUT
VIN
----------------
–



1
12
------x
VIN VOUT
–
LxfOSC
--------------------------------x
VOUT
VIN
----------------


 2
+



=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com