Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 26Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 27Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 28Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 29Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 26
Mar 13, 2024
ISL73006SLH Datasheet
The heat of the IC is mainly dissipated through the thermal pad. Maximizing the copper area connected to the
thermal pad is preferable. In addition, a solid buried ground plane is helpful for better EMI performance with a
cutout of the top-level LX shape to reduce coupling. Renesas recommends referencing TB499 for guidance about
via ground connections within the pad for the best thermal relief.
7.
Die Characteristics
Figure 42. Layout Component Placement Suggestion
Table 1. Die and Assembly Related Information
Die Information
Dimensions
2413µm x 3302µm (95 mils x 130 mils)
Thickness: 305µm ±25µm (12 mils ±1 mil)
Interface Materials
Glassivation
Type: 12kÅ Silicon Nitride on 3kÅ Oxide
Top Metallization
Type: Al , 0.5%Cu, 0.87% Si
Backside Finish
Silicon
Process
0.25µm BiCMOS
Assembly Information
Substrate Potential
Floating
Additional Information
Worst Case Current Density
1.6x105A/cm2
Transistor Count
19366
Weight of Packaged Device
0.42 grams
Lid Characteristics
Finish: Gold
Potential: Tied to package pin 8
Bottom Metal Characteristics
Finish: Gold
Potential: Tied to package pin 8
COUT
LOUT
PGND
LX
VOUT
CIN
PVIN
SGND
COMP RC
THERMAL PAD
CONNECTED TO
COMMON GROUND
Package Outline
FB
Rf2
PG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com