Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 17Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 18Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 19Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 20Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 21Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 21
Mar 13, 2024
ISL73006SLH Datasheet
reach the NOCL, the ISL73006SLH initiates soft-start when VOUT is pulled below the regulation set point. The
device is disabled and enters the low current shutdown state when EN is < 0.3V. When a transition to a shutdown
state occurs, the LX output is forced to a hi-Z state.
5.10 Thermal Protection
The device has integrated thermal protection. When the internal temperature reaches ~ +158°C, the regulator
stops switching. After the internal temperature falls below ~ +130°C, the device resumes operation through
soft-start. For continuous operation, do not exceed the +150°C junction temperature rating.
5.11 PWM Control and Compensation
The ISL73006SLH employs constant frequency peak current-mode pulse-width modulation (PWM) control for
faster transient response and pulse-by-pulse current limiting. The current loop consists of the current-sensing
circuit, slope compensation ramp, and PWM comparator.
Any regulator design starting point is knowing the operating conditions and design goals. These would include the
input and output voltages, the switching frequency, the maximum transient current step, and the maximum
transient output voltage tolerance. The following compensation equations guide completing an external slope and
loop control compensation design.
5.12 Slope Compensation
The ISL73006SLH offers user-adjustable slope compensation using a resistor (RSLOPE) from the SLOPE pin to
ground to optimize the device performance and stability across the entire PWM duty-cycle range. Slope
compensation is a technique in which the current feedback signal is modified by adding slope, that is, a linearly
increasing voltage over time. You can set the external slope compensation ramp with a resistor from the slope pin
to ground.
For applications with a maximum duty cycle of less than 50%, slope compensation can improve noise immunity,
particularly at lighter loads. For applications with a greater than 50% duty cycle, you need slope compensation to
prevent instability, seen as a sub-harmonic oscillation of the switching LX node. The minimum slope
compensation required is -VOUT/2 × output inductor (LOUT).
5.13 External Configuration Application Implementation Equations
This section guides the design for the slope and loop compensations along with the loop bandwidth and limiting
the output current transient voltage response. Use Equation 2 to set the inductor downslope.
The compensation slope is:
Due to inductor tolerances and increased noise immunity, Renesas recommends using SL= SCOMP (deadbeat
control) so:
Due to headroom issues, RSLOPE value must be within 25kΩ ≤ RSLOPE ≤ 100kΩ.
Internal slope compensation is set to maximum slope compensation of 0.324.
(EQ. 2)
(EQ. 3)
(EQ. 4)
SL
VOUT
L
----------------
=
SCOMP
A
s
------
162
RSLOPE k

500
-------------------------------------


=
RSLOPE k

62
VOUT V

L
H

-------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com