Electronic Components Datasheet Search
  English  ▼

X  

ISM330BXTR Datasheet(PDF) 85 Page - STMicroelectronics

Part # ISM330BXTR
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BXTR Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ISM330BXTR Datasheet HTML 81Page - STMicroelectronics ISM330BXTR Datasheet HTML 82Page - STMicroelectronics ISM330BXTR Datasheet HTML 83Page - STMicroelectronics ISM330BXTR Datasheet HTML 84Page - STMicroelectronics ISM330BXTR Datasheet HTML 85Page - STMicroelectronics ISM330BXTR Datasheet HTML 86Page - STMicroelectronics ISM330BXTR Datasheet HTML 87Page - STMicroelectronics ISM330BXTR Datasheet HTML 88Page - STMicroelectronics ISM330BXTR Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 150 page
background image
9.51
TAP_CFG1 (57h)
Tap configuration register 1 (R/W)
Table 140. TAP_CFG1 register
TAP_
PRIORITY_2
TAP_
PRIORITY_1
TAP_
PRIORITY_0
TAP_
THS_Z_4
TAP_
THS_Z_3
TAP_
THS_Z_2
TAP_
THS_Z_1
TAP_
THS_Z_0
Table 141. TAP_CFG1 register description
TAP_PRIORITY_[2:0]
Selection of axis priority for tap detection (see Table 142)
TAP_THS_Z_[4:0]
Z-axis tap recognition threshold. Default value: 0
1 LSB = FS_XL / (25)
Table 142. TAP priority decoding
TAP_PRIORITY_[2:0]
Max. priority
Mid. priority
Min. priority
000
Z
Y
X
001
Y
Z
X
010
Z
X
Y
011
X
Y
Z
100
Z
Y
X
101
Y
X
Z
110
X
Z
Y
111
X
Y
Z
9.52
TAP_CFG2 (58h)
Tap configuration register 2 (R/W)
Table 143. TAP_CFG2 register
0(1)
0(1)
0(1)
TAP_
THS_Y_4
TAP_
THS_Y_3
TAP_
THS_Y_2
TAP_
THS_Y_1
TAP_
THS_Y_0
1. This bit must be set to 0 for the correct operation of the device.
Table 144. TAP_CFG2 register description
TAP_THS_Y_[4:0]
Y-axis tap recognition threshold. Default value: 0
1 LSB = FS_XL / (25)
ISM330BX
Register description
DS14588 - Rev 2
page 85/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com