Electronic Components Datasheet Search
  English  ▼

X  

ISM330BXTR Datasheet(PDF) 86 Page - STMicroelectronics

Part # ISM330BXTR
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BXTR Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ISM330BXTR Datasheet HTML 82Page - STMicroelectronics ISM330BXTR Datasheet HTML 83Page - STMicroelectronics ISM330BXTR Datasheet HTML 84Page - STMicroelectronics ISM330BXTR Datasheet HTML 85Page - STMicroelectronics ISM330BXTR Datasheet HTML 86Page - STMicroelectronics ISM330BXTR Datasheet HTML 87Page - STMicroelectronics ISM330BXTR Datasheet HTML 88Page - STMicroelectronics ISM330BXTR Datasheet HTML 89Page - STMicroelectronics ISM330BXTR Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 150 page
background image
9.53
TAP_THS_6D (59h)
Portrait/landscape position and tap function threshold register (R/W)
Table 145. TAP_THS_6D register
0(1)
SIXD_THS_1 SIXD_THS_0
TAP_
THS_X_4
TAP_
THS_X_3
TAP_
THS_X_2
TAP_
THS_X_1
TAP_
THS_X_0
1. This bit must be set to 0 for the correct operation of the device.
Table 146. TAP_THS_6D register description
SIXD_THS_[1:0]
Threshold for 6D function. Default value: 00
For details, refer to Table 147.
TAP_THS_X_[4:0]
X-axis recognition threshold. Default value: 0
1 LSB = FS_XL / (25)
Table 147. Threshold for D6D function
SIXD_THS_[1:0]
Threshold value
00
80 degrees
01
70 degrees
10
60 degrees
11
50 degrees
ISM330BX
Register description
DS14588 - Rev 2
page 86/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com