Electronic Components Datasheet Search
  English  ▼

X  

ISM330BXTR Datasheet(PDF) 96 Page - STMicroelectronics

Part # ISM330BXTR
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BXTR Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ISM330BXTR Datasheet HTML 92Page - STMicroelectronics ISM330BXTR Datasheet HTML 93Page - STMicroelectronics ISM330BXTR Datasheet HTML 94Page - STMicroelectronics ISM330BXTR Datasheet HTML 95Page - STMicroelectronics ISM330BXTR Datasheet HTML 96Page - STMicroelectronics ISM330BXTR Datasheet HTML 97Page - STMicroelectronics ISM330BXTR Datasheet HTML 98Page - STMicroelectronics ISM330BXTR Datasheet HTML 99Page - STMicroelectronics ISM330BXTR Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 150 page
background image
9.68
FIFO_DATA_OUT_BYTE_0 (79h) and FIFO_DATA_OUT_BYTE_1 (7Ah)
FIFO data output (R)
FIFO provides 6 bytes output, starting from byte 0 up to byte 5.
Table 180. FIFO_DATA_OUT_BYTE_1 and FIFO_DATA_OUT_BYTE_0 registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 181. FIFO_DATA_OUT_BYTE_1 and FIFO_DATA_OUT_BYTE_0 register description
D[15:0]
FIFO output byte 1 and 0
9.69
FIFO_DATA_OUT_BYTE_2 (7Bh) and FIFO_DATA_OUT_BYTE_3 (7Ch)
FIFO data output (R)
FIFO provides 6 bytes output, starting from byte 0 up to byte 5.
Table 182. FIFO_DATA_OUT_BYTE_3 and FIFO_DATA_OUT_BYTE_2 registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 183. FIFO_DATA_OUT_BYTE_3 and FIFO_DATA_OUT_BYTE_2 register description
D[15:0]
FIFO output byte 3 and 2
9.70
FIFO_DATA_OUT_BYTE_4 (7Dh) and FIFO_DATA_OUT_BYTE_5 (7Eh)
FIFO data output (R)
FIFO provides 6 bytes output, starting from byte 0 up to byte 5.
Table 184. FIFO_DATA_OUT_BYTE_5 and FIFO_DATA_OUT_BYTE_4 registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 185. FIFO_DATA_OUT_BYTE_5 and FIFO_DATA_OUT_BYTE_4 register description
D[15:0]
FIFO output byte 5 and 4
ISM330BX
Register description
DS14588 - Rev 2
page 96/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com