Electronic Components Datasheet Search
  English  ▼

X  

PCM5121 Datasheet(PDF) 102 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 102 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 98Page - Texas Instruments PCM5121 Datasheet HTML 99Page - Texas Instruments PCM5121 Datasheet HTML 100Page - Texas Instruments PCM5121 Datasheet HTML 101Page - Texas Instruments PCM5121 Datasheet HTML 102Page - Texas Instruments PCM5121 Datasheet HTML 103Page - Texas Instruments PCM5121 Datasheet HTML 104Page - Texas Instruments PCM5121 Datasheet HTML 105Page - Texas Instruments PCM5121 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 121 page
background image
102
PCM5121, PCM5122
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
0: Enabled
1: Disabled
Table 125. Page 1 / Register 7
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
7
07
RSV
RSV
RSV
AGBL
RSV
RSV
RSV
AGBR
Reset Value
0
0
RSV
Reserved
Reserved. Do not access.
AGBL
Analog +10% Gain for Left Channel
This bit enables or disables amplitude boost mode for left channel.
Default value: 0
0: Normal amplitude
1: +10% (+0.8 dB) boosted amplitude
AGBR
Analog +10% Gain for Right Channel
This bit enables or disables amplitude boost mode for right channel.
Default value: 0
0: Normal amplitude
1: +10% (+0.8 dB) boosted amplitude
Table 126. Page 1 / Register 8
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
8
08
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RCMF
Reset Value
0
RSV
Reserved
Reserved. Do not access.
RCMF
VCOM Reference Ramp Up
This bit controls the VCOM voltage ramp up speed.
Default value: 0
0: Normal ramp up, ~600ms with external capacitance = 1uF
1: Fast ramp up, ~3ms with external capacitance = 1uF
Table 127. Page 1 / Register 9
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
9
09
RSV
RSV
RSV
RSV
RSV
RSV
RSV
VCPD
Reset Value
1
RSV
Reserved
Reserved. Do not access.
VCPD
Power down control for VCOM
This bit controls VCOM powerdown switch.
Default value: 1
0: VCOM is powered on
1: VCOM is powered down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com