Electronic Components Datasheet Search
  English  ▼

X  

PCM5121 Datasheet(PDF) 103 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 103 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 99Page - Texas Instruments PCM5121 Datasheet HTML 100Page - Texas Instruments PCM5121 Datasheet HTML 101Page - Texas Instruments PCM5121 Datasheet HTML 102Page - Texas Instruments PCM5121 Datasheet HTML 103Page - Texas Instruments PCM5121 Datasheet HTML 104Page - Texas Instruments PCM5121 Datasheet HTML 105Page - Texas Instruments PCM5121 Datasheet HTML 106Page - Texas Instruments PCM5121 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 121 page
background image
103
PCM5121, PCM5122
www.ti.com
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
12.1.1.4
Page 44 Registers
Table 128. Page 44 / Register 1
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
1
01
RSV
RSV
RSV
RSV
ACRM
AMDC
ACRS
ACSW
Reset Value
0
0
RSV
Reserved
Reserved. Do not access.
ACRM
Active CRAM Monitor (Read Only)
This bit indicates which CRAM is being accessed by the DSP when adaptive mode is disabled. When adaptive
mode is enabled, this bit has no meaning.
0: CRAM A is being used by the DSP
1: CRAM B is being used by the DSP
AMDC
Adaptive Mode Control
This bit controls the DSP adaptive mode. When in adaptive mode, only CRAM A is accessible via serial
interface when the DSP is disabled (DAC in standby state), while when the DSP is enabled (DAC is run state)
the CRAM A can only be accessed by the DSP and the CRAM B can only be accessed by the serial interface,
or vice versa depending on the value of CRAMSTAT. When not in adaptive mode, both CRAM A and B can be
accessed by the serial interface when the DSP is disabled, but when the DSP is enabled, no CRAM can be
accessed by serial interface. The DSP can access either CRAM, which can be monitored at SWPMON.
Default value: 0
0: Adaptive mode disabled
1: Adaptive mode enabled
ACRS
Active CRAM Selection (Read Only)
This bit indicates which CRAM currently serves as the active one. The other CRAM serves as an update buffer,
and can accessed by serial interface (SPI/I2C)
0: CRAM A is active and being used by the DSP
1: CRAM B is active and being used by the DSP
ACSW
Switch Active CRAM
This bit is used to request switching roles of the two buffers, that is, switching the active buffer role between
CRAM A and CRAM B. This bit is cleared automatically when the switching process completed.
Default value: 0
0: No switching requested or switching completed
1: Switching is being requested
12.1.1.5
Page 253 Registers
Table 129. Page 253 / Register 63
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
63
3F
PLLFLEX1
7
PLLFLEX1
6
PLLFLEX1
5
PLLFLEX1
4
PLLFLEX1
3
PLLFLEX1
2
PLLFLEX1
1
PLLFLEX1
0
Reset Value
0
0
0
0
0
0
0
0
PLLFLEX1[7:0]
Clock Flex Register #1
Clock Flex Register #1. Write 0x11 to this register to allow advanced clock tree functions. See Clocking
Overview section.
Default value: 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com