Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 156 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 156 Page - Texas Instruments

Back Button AM625 Datasheet HTML 152Page - Texas Instruments AM625 Datasheet HTML 153Page - Texas Instruments AM625 Datasheet HTML 154Page - Texas Instruments AM625 Datasheet HTML 155Page - Texas Instruments AM625 Datasheet HTML 156Page - Texas Instruments AM625 Datasheet HTML 157Page - Texas Instruments AM625 Datasheet HTML 158Page - Texas Instruments AM625 Datasheet HTML 159Page - Texas Instruments AM625 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 276 page
background image
6.12.5.11.2 GPMC and NOR Flash — Asynchronous Mode
Table 6-67 and Table 6-68 present timing requirements and switching characteristics for GPMC and NOR Flash
— Asynchronous Mode.
Table 6-67. GPMC and NOR Flash Timing Requirements – Asynchronous Mode
see Figure 6-51, Figure 6-52, Figure 6-53, and Figure 6-55
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
FA5(1)
tacc(d)
Data access time
H(5)
ns
FA20(2) tacc1-pgmode(d)
Page mode successive data access time
P(4)
ns
FA21(3) tacc2-pgmode(d)
Page mode first data access time
H(5)
ns
(1)
The FA5 parameter illustrates the amount of time required to internally sample input data. It is expressed in number of GPMC
functional clock cycles. From start of read cycle and after FA5 functional clock cycles, input data is internally sampled by active
functional clock edge. FA5 value must be stored inside the AccessTime register bit field.
(2)
The FA20 parameter illustrates amount of time required to internally sample successive input page data. It is expressed in number of
GPMC functional clock cycles. After each access to input page data, next input page data is internally sampled by active functional
clock edge after FA20 functional clock cycles. The FA20 value must be stored in the PageBurstAccessTime register bit field.
(3)
The FA21 parameter illustrates amount of time required to internally sample first input page data. It is expressed in number of GPMC
functional clock cycles. From start of read cycle and after FA21 functional clock cycles, first input page data is internally sampled by
active functional clock edge. FA21 value must be stored inside the AccessTime register bit field.
(4)
P = PageBurstAccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(6)
(5)
H = AccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(6)
(6)
GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
Table 6-68. GPMC and NOR Flash Switching Characteristics – Asynchronous Mode
see Figure 6-51, Figure 6-52, Figure 6-53, Figure 6-54, Figure 6-55, and Figure 6-56
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
FA0
tw(be[x]nV)
Pulse duration, output lower-byte enable and command latch enable
GPMC_BE0n_CLE, output upper-byte enable GPMC_BE1n valid
time
N(12)
ns
FA1
tw(csnV)
Pulse duration, output chip select GPMC_CSn[i](13) low
A(1)
ns
FA3
td(csnV-advnIV)
Delay time, output chip select GPMC_CSn[i](13) valid to output
address valid and address latch enable GPMC_ADVn_ALE invalid
B(2) - 2
B(2) + 2
ns
FA4
td(csnV-oenIV)
Delay time, output chip select GPMC_CSn[i](13) valid to output
enable GPMC_OEn_REn invalid (Single read)
C(3) - 2
C(3) + 2
ns
FA9
td(aV-csnV)
Delay time, output address GPMC_A[27:1] valid to output chip
select GPMC_CSn[i](13) valid
J(9) - 2
J(9) + 2
ns
FA10
td(be[x]nV-csnV)
Delay time, output lower-byte enable and command latch enable
GPMC_BE0n_CLE, output upper-byte enable GPMC_BE1n valid to
output chip select GPMC_CSn[i](13) valid
J(9) - 2
J(9) + 2
ns
FA12
td(csnV-advnV)
Delay time, output chip select GPMC_CSn[i](13) valid to output
address valid and address latch enable GPMC_ADVn_ALE valid
K(10) - 2
K(10) + 2
ns
FA13
td(csnV-oenV)
Delay time, output chip select GPMC_CSn[i](13) valid to output
enable GPMC_OEn_REn valid
L(11) - 2
L(11) + 2
ns
FA16
tw(aIV)
Pulse duration output address GPMC_A[26:1] invalid between 2
successive read and write accesses
G(7)
ns
FA18
td(csnV-oenIV)
Delay time, output chip select GPMC_CSn[i](13) valid to output
enable GPMC_OEn_REn invalid (Burst read)
I(8) - 2
I(8) + 2
ns
FA20
tw(aV)
Pulse duration, output address GPMC_A[27:1] valid - 2nd, 3rd, and
4th accesses
D(4)
ns
FA25
td(csnV-wenV)
Delay time, output chip select GPMC_CSn[i](13) valid to output write
enable GPMC_WEn valid
E(5) - 2
E(5) + 2
ns
FA27
td(csnV-wenIV)
Delay time, output chip select GPMC_CSn[i](13) valid to output write
enable GPMC_WEn invalid
F(6) - 2
F(6) + 2
ns
FA28
td(wenV-dV)
Delay time, output write enable GPMC_WEn valid to output data
GPMC_AD[15:0] valid
2
ns
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
www.ti.com
156
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com