Electronic Components Datasheet Search
  English  ▼

X  

RF6001 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF6001 Datasheet HTML 8Page - RF Micro Devices RF6001 Datasheet HTML 9Page - RF Micro Devices RF6001 Datasheet HTML 10Page - RF Micro Devices RF6001 Datasheet HTML 11Page - RF Micro Devices RF6001 Datasheet HTML 12Page - RF Micro Devices RF6001 Datasheet HTML 13Page - RF Micro Devices RF6001 Datasheet HTML 14Page - RF Micro Devices RF6001 Datasheet HTML 15Page - RF Micro Devices RF6001 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
12 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Pin
Function
Description
Interface Schematic
36
ENR/IOUT
Digital serial RX data interface enable input or I analog output. This pin is
multiplexed between analog and digital RX interface modes. The S_MODE
bit sets the interface mode. Digital input or buffered analog output.
37
RXEN
Receive path enable. Receive circuitry is active when a logic 1 is applied to
this pin. Digital input with weak pulldown.
38
LDTO
Lock detect/test digital output. This pin is multiplexed between various
internal signals on the IC as defined by the TMUX and TEN bits. Digital out-
put.
39
SCLK
Serial data interface clock input. Digital input.
40
SDI
Serial data interface data input. Digital input.
41
SSB
Serial data interface select input. The serial interface accepts clock and
data when SSB is at a logic 0 (active low). Digital input with weak
pullup.
42
MCK/TXQB
Modulation clock input/output or TXQB transmit analog input. This pin is
multiplexed between analog and digital TX interface modes. The TXAD bit
sets the interface mode. The TXD_MODE bit determines the direction of
the pin in digital mode. Digital input, digital output, or analog input.
43
MDI/TXQ
Modulation data input or TXQ transmit analog input. This pin is multiplexed
between analog and digital TX interface modes. The TXAD bit sets the inter-
face mode. Digital input or analog input.
44
MS/TXIB
Modulation sync input/output or TXIB transmit analog input. This pin is
multiplexed between analog and digital TX interface modes. The TXAD bit
sets the interface mode. Digital input/output or analog input.
45
TXI
TXI transmit analog input.
ENR/
IOUT
RXEN
LDTO
SCLK
SDI
SSB
VDD
MCK/
TXQB
MDI/
TXQ
MS/
TXIB
TXI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com