Electronic Components Datasheet Search
  English  ▼

X  

RF6001 Datasheet(PDF) 34 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 34 Page - RF Micro Devices

Back Button RF6001 Datasheet HTML 30Page - RF Micro Devices RF6001 Datasheet HTML 31Page - RF Micro Devices RF6001 Datasheet HTML 32Page - RF Micro Devices RF6001 Datasheet HTML 33Page - RF Micro Devices RF6001 Datasheet HTML 34Page - RF Micro Devices RF6001 Datasheet HTML 35Page - RF Micro Devices RF6001 Datasheet HTML 36Page - RF Micro Devices RF6001 Datasheet HTML 37Page - RF Micro Devices RF6001 Datasheet HTML 38Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
34 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Case 3: GMSK FIFO Clocking Signals Generated by Baseband, TXD_MODE=1, TXF=01
The FIFO will automatically clear under three conditions: 1) if the SDI reset field is programmed; 2) at the end of any transmis-
sion burst following the end of the ramp down; and, 3) if the SDI field FCLR is set. This will clear the contents of the FIFO mem-
ory and designate the next bit written as the first output bit of the FIFO. The baseband will then generate a clock of less than or
equal to 26MHz applied to MCK. On every rising edge of MCK, the baseband will assert an NRZ data bit on MDI if TXCKINV is
low. The RF6001 will read this data on every falling edge of MCK if TXCKINV is set low. If TXCKINV is set high, the baseband will
assert an NRZ data bit on the falling edge of MCK and the RF6001 will read this data if MS is high on every rising edge of MCK.
This data will be stored in a First In First Out (FIFO) register of length 1024 bits in the RF6001. The diagram below summarizes
this part of the interface.
Transmission is initiated by setting the TXST or TXEN pins to a logical high. If TX_ST is set high, an internal timer (TXENU) is pro-
grammed to delay the rise of TX_EN. A second timer (MD_DLY) determines then the modulation stored in the FIFO will begin to
be output relative to the rising edge of TX_ST. Data will be output at a 13MHz/48 rate. New data CAN be loaded into the FIFO
input while the output is active. The second diagram below summarizes the operation of the second step of this interface.
TXCKINV=0, TXF=01
T
SU
T
H
T
CWH
T
CWL
T
CS
MDI
FIFO
Count
12
3
4
MCKO
Auto Clear
TXCKINV=1, TXF=01
MCKO
Auto Clear
FIFO
Count
12
34
MDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com