Electronic Components Datasheet Search
  English  ▼

X  

RF6001 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 5 Page - RF Micro Devices

  RF6001 Datasheet HTML 1Page - RF Micro Devices RF6001 Datasheet HTML 2Page - RF Micro Devices RF6001 Datasheet HTML 3Page - RF Micro Devices RF6001 Datasheet HTML 4Page - RF Micro Devices RF6001 Datasheet HTML 5Page - RF Micro Devices RF6001 Datasheet HTML 6Page - RF Micro Devices RF6001 Datasheet HTML 7Page - RF Micro Devices RF6001 Datasheet HTML 8Page - RF Micro Devices RF6001 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
5 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Oscillator Output Buffer
Output Voltage (VOUT)800
mVP-P
Load: 10k
Ω//10pF
Output Frequency
13
26
MHz
Selected by OSCOM pin
Phase Noise
-115
dBc/Hz
SSB @ 50kHz
-120
kHz
SSB @ 100kHz
-125
dBc/Hz
SSB @ 400kHz
Harmonic Level
-10
dBc
3rd harmonic
-60
dBc
35th harmonic
Load Resistance
10
k
Ω
Shunt
Load Capacitance
5
30
pF
Shunt
DAC1 and DAC2
Specifications
Resolution (RESD/A)
12.5
14.0
bits
Effective number of bits
Sample Rate (FS)26
MHz
Lowpass Filter Bandwidth
(BWD/A)
120
128
136
kHz
Lowpass Filter Order (ND/AF)6
Butterworth
Turn On Time
15
μsWithin 10mV
Output Noise Floor
500
nV/rtHz
At 100kHz offset
Offset Error (VOFF)20
40
mV
Gain Error (GERROR)TBD
%
Output Range (FSD/A)0.1
VCC-0.1
V
Output Resistive Load (RD/A)30
k
Ω
Output Capacitive Load (CD/A)
500
pF
DAC2 (AFC) Tri-State Output
Impedance
160
k
Ω
DAC2EN=0
RX ADC Specifications
Pins: IIN, IBIN, QIN, QBIN
Bandwidth (BWA/D)200
kHz
Resolution (RESA/D)
12
13
bits
Effective number of bits
Input Voltage (VCMA/D)
1.25
V
Common mode voltage
Input Level (FSA/D)1
VP-P
Measured differentially
Input Impedance (ZINA/D)30
k
Ω
Single-ended
Sample Rate (F1)
13
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com