Electronic Components Datasheet Search
  English  ▼

X  

RF6001 Datasheet(PDF) 59 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 59 Page - RF Micro Devices

Back Button RF6001 Datasheet HTML 55Page - RF Micro Devices RF6001 Datasheet HTML 56Page - RF Micro Devices RF6001 Datasheet HTML 57Page - RF Micro Devices RF6001 Datasheet HTML 58Page - RF Micro Devices RF6001 Datasheet HTML 59Page - RF Micro Devices RF6001 Datasheet HTML 60Page - RF Micro Devices RF6001 Datasheet HTML 61Page - RF Micro Devices RF6001 Datasheet HTML 62Page - RF Micro Devices RF6001 Datasheet HTML 63Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
59 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
PLL Register x2 (PLLx2) - Address 000111
TX Modulation Register (TXMOD) - Address 001000
PA Ramp Register 1 (PARMP1) - Address 001001
PA Ramp Register 2 (PARMP2) - Address 001010
Location
Bit Name
Default
Function
PLLx2(17:16)
FBASE(1:0)
00
Base Frequency
00=FBASE is 0Hz
01=FBASE is 832MHz
1x=FBASE is 1664MHz
See the OFFS register description for more information on setting the
PLL/VCO frequency.
PLLx2(15:11)
CT_DEF(4:0)
0
VCO Coarse Tune Coefficient
PLLx2(10:8)
CT_MOFFS(2:0)
3h
VCO Coarse Tune Offset
PLLx2(7:6)
CTN(1:0)
01
VCO Coarse Tune Type
00=3 bits
01=4 bits (Internal VCO1 or External RF2722 VCO)
10=5 bits (Internal VCO2)
11=reserved
PLLx2(5:0)
KV_DEF(5:0)
20h
KV Calibration Setting
Location
Bit Name
Default
Function
TXMOD(17)
TXAD
0
TX Interface Mode
0=analog TX interface
1=digital TX interface
TXMOD(16)
reserved
0
reserved, program to zero (0)
TXMOD(15)
TX_DE
0
Differential Encoder, used with digital TX interface
0=input data on MDI is not differentially encoded
1=input data on MDI is differentially encoded
TXMOD(14)
TX_INV
0
Symbol Polarity after differential encoding
0=data is not inverted
1=data is inverted
TXMOD(13:8)
PHADJ(5:0)
0
Symbol Clock Phase Offset
offset=(PHADJ/13)
μs
TXMOD(7:4)
TX_THP(3:0)
0
TX Analog Interface, positive threshold
TX_
TXMOD(3:0)
TX_THN(3:0)
0
TX Analog Interface, negative threshold
TX_
Location
Bit Name
Default
Function
PARMP1(17:10)
PAT(7:0)
9Ah
PA Ramp Delay, delay time from the rising edge on the TXST pin to the start of
the ramp. Delay=PAT*(12/13)
μs.
PARMP1(9:0)
PAG(9:0)
3AEh
PA Ramp Gain, used as a scaling factor on the PA Ramp Waveform
Gain=(PAG/1024)
Location
Bit Name
Default
Function
PARMP2(17)
TXENIO
1
TXEN pin direction
0=TXEN is input
1=TXEN is output, generated by PA ramping system
PARMP2(16)
PAEN
1
PA Ramp Enable
0=disabled, DAC1 is controlled by DAC1EN and DAC1V
1=enabled, DAC1 is controlled by PA ramp control system, initiated by a rising
edge on TXEN or TXST pins
PARMP2(15:14)
reserved
0
reserved, program to zero (0)
PARMP2(13:6)
TXENU(7:0)
98h
TXEN rising edge delay from TXST
Delay=TXENU*(12/13)
μs
PARMP2(5:0)
TXEND(5:0)
6h
TXEN falling edge delay from end of PA ramp
Delay=TXEND*(12/13)
μs
THP
12.5 V
PK
⋅
()
≈
2
–
THN
12.5 V
PK
⋅
()
≈
2
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com