33 / 70 page

33 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Case 2: GMSK Clocking Signals Generated by RF6001, TXD_MODE=0, TXF=00
Transmission is initiated by setting the TXST or TXEN pins to a logical high. The RF6001 will then respond by outputting a
13/48MHz clock on MCK and a pulse on MS on every 16th MCK period. The baseband IC will respond with an NRZ data bit on
MDI at every rising edge of MCK if SDI bit TXCKINV is low. The RF6001 will read this data on every falling edge of MCK if TXCK-
INV is set low. If TXCKINV is set high, the baseband will assert an NRZ data bit on the falling edge of MCK and the RF6001 will
read this data bit on every rising edge of MCK. MS serves to synchronize the baseband IC by providing a new word pulse to
refresh the output register of the baseband IC. The diagram below summarizes the operation of this interface.
12
3
4
5161
MS
MCK
MDI
TXST/TXEN
Tsu
Th
Tcwh
Tcwl
Tcs
Tcs
TXCKINV=0
12
3
4
5161
MS
MCK
MDI
TXST/TXEN
Tsu
Th
Tcwh
Tcwl
Tcs
Tcs
TXCKINV=1