Electronic Components Datasheet Search
  English  ▼

X  

RF6001 Datasheet(PDF) 64 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 64 Page - RF Micro Devices

Back Button RF6001 Datasheet HTML 60Page - RF Micro Devices RF6001 Datasheet HTML 61Page - RF Micro Devices RF6001 Datasheet HTML 62Page - RF Micro Devices RF6001 Datasheet HTML 63Page - RF Micro Devices RF6001 Datasheet HTML 64Page - RF Micro Devices RF6001 Datasheet HTML 65Page - RF Micro Devices RF6001 Datasheet HTML 66Page - RF Micro Devices RF6001 Datasheet HTML 67Page - RF Micro Devices RF6001 Datasheet HTML 68Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
64 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
SSI - Address 110001
Location
Bit Name
Default
Function
SSI(17:16)
CLKRM(1:0)
00
CLKR Mode
0=CLKR is enabled when ENR=1, but operates only during the active data portion of
the transfer (disabled during any blank data portion).
01=CLKR is enabled when ENR=1 and remains on regardless of the state of DBL.
1x=CLKR is always disabled.
SSI(15)
RXCKB
0
Receive Clock Source
0=CLKR is an output
1=CLKR is an input
SSI(14)
RXFSB
0
Receive Frame Sync Source
0=FSR is an output
1=FSR is an input
SSI(13)
FS_LOC
0
Frame Sync Location
0=FSR coincident with MSB of I data
1=FSR occurs on clock before MSB of I data
SSI(12)
EN_SEL
0
Receive SSI Mode
0=RXSSI starts with ENR
1=RXSSI starts with RXEN
SSI(11)
RX_T
0
RXSSI Trailing Clock Pulses. Adds clocks to the end of an RXSSI transfer.
0=No extra clock cycles are added to the end of an RXSSR transfer.
1=5 extra clock cycles are added to the end of an RXSSR transfer.
SSI(10)
CLKRINV
0
Inverts the CLKR signal.
0=Uninverted, normal polarity
1=Inverted polarity
SSI(9)
TXD_MODE
0
TX Digital Interface Mode
0=Digital TX interface, MCK and MS are outputs
1=Digital TX interface, MCK and MS are inputs
SSI(8:7)
TXF(1:0)
00
Controls the FIFO Interface Modes
00=TX FIFO disabled
01=No MS mode. FIFO will shift in bits on every falling edge of MCK, regardless of the
MS signal.
10=MS FRAME mode. FIFO will shift in bits on every falling edge of MCK, if MS is high.
11=MS PULSE mode. At every MS pulse, the FIFO will shift in a predetermined number
of bits. The position of MS, relative to the first data bit is controlled by MS_LOC. The
number of bits shifted in is determined by MS_LEN[4:0].
SSI(6)
TXCKINV
0
TX Clock Invert
0=Data is latched on the falling edge of MCK
1=Data is latched on the rising edge of MCK
SSI(5)
INTNEN
0
Test bit. Program to 0.
SSI(4:1)
MS_LEN(3:0)
0
MS Pulse Length. In TXF=11 mode, MS_LEN controls the number of bits the TX FIFO will
shift in, on every MS pulse.
MS_LEN=0: 4 bits
MS_LEN=6: 10 bits
MS_LEN=12: 24 bits
MS_LEN=1: 5 bits
MS_LEN=7: 11 bits
MS_LEN=13: 26 bits
MS_LEN=2: 6 bits
MS_LEN=8: 12 bits
MS_LEN=14: 32 bits
MS_LEN=3: 7 bits
MS_LEN=9: 13 bits
MS_LEN=15: 48 bits
MS_LEN=4: 8 bits
MS_LEN=10: 14 bits
MS_LEN=5: 9 bits
MS_LEN=11: 16 bits
SSI(0)
MS_LOC
0
MS Pulse Location
0=transfer of first data bit occurs on same clock period as the pulse on MS
1=transfer of first data bit occurs on the next clock period after the pulse on MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com