Electronic Components Datasheet Search
  English  ▼

X  

RF6001 Datasheet(PDF) 36 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 36 Page - RF Micro Devices

Back Button RF6001 Datasheet HTML 32Page - RF Micro Devices RF6001 Datasheet HTML 33Page - RF Micro Devices RF6001 Datasheet HTML 34Page - RF Micro Devices RF6001 Datasheet HTML 35Page - RF Micro Devices RF6001 Datasheet HTML 36Page - RF Micro Devices RF6001 Datasheet HTML 37Page - RF Micro Devices RF6001 Datasheet HTML 38Page - RF Micro Devices RF6001 Datasheet HTML 39Page - RF Micro Devices RF6001 Datasheet HTML 40Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
36 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Case 5: GMSK FIFO Clocking Signals Generated by Baseband, TXD_MODE=1, TXF=11
In this FIFO mode, the baseband will generate a pulse equal to one clock period on the MS line to signify the beginning of a
FIFO data transfer. If the SDI bit MS_LOC is programmed low then the transfer of the first data bit will occur on the same clock
period as the pulse on MS. With MS_LOC low there does not have to be any idle clock pulses between transfer intervals. If
MS_LOC is high then the transfer of the first data bit will occur on the next clock period after the pulse on MS. With MS_LOC
high there must be at least one idle clock pulse between the end of the last transfer interval and the beginning of the next.
The baseband will then generate a clock of less than or equal to 26MHz applied to MCK. On every rising edge of MCK, the
baseband will assert an NRZ data bit on MDI if TXCKINV is low. The RF6001 will read this data on every falling edge of MCK if
TXCKINV is set low. If TXCKINV is set high then the baseband will assert an NRZ data bit on MDI on every falling edge of MCK
and the RF6001 will read the data bit on every rising edge of MCK. This data will be stored in a FIFO register of length 1024
bits in the RF6001.
Data will continue to be read in until the number of bits read becomes equal to the setting of the SDI word MS_LEN. MS_LEN
can be set to 4, 5, 6, 7, 8, 9, 10, 11, 12, 13, 14, 16, 24, 32, or 48 bits. Once this occurs, no further data will be read until
another pulse is applied to MS to start the process over.
The diagram below summarizes this mode of the interface.
Transmission is initiated by setting the TXST or TXEN pins to a logical high. If TX_ST is set high then an internal timer, TXENU, is
programmed to delay the rise of TX_EN. A second timer, MD_DLY, determines when the modulation stored in the FIFO will begin
to be output relative to the rising edge of TX_ST. Data will be output at a 13MHz/48 rate. New data CAN be loaded into the
FIFO input while the output is active. The diagram below summarizes the operation of the second step of this interface.
Note that there are NOT TXD_MODE=0 cases for the FIFO system (i.e., the baseband is always the master of FIFO data trans-
fers.)
TXCKINV=0, MS_LEN=4, TXF=11
MS_LOC=1
FIFO
Count
12
34
5
MS_LOC=0
FIFO
Count
123
4
5
6
MCK
MS
MDI
TXCKINV=1, MS_LEN=4, TXF=11
MCK
MS
MDI
FIFO
Count
MS_LOC=0
123
4
5
6
FIFO
Count
MS_LOC=1
12
34
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com