Electronic Components Datasheet Search
  English  ▼

X  

RF6001 Datasheet(PDF) 44 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 44 Page - RF Micro Devices

Back Button RF6001 Datasheet HTML 40Page - RF Micro Devices RF6001 Datasheet HTML 41Page - RF Micro Devices RF6001 Datasheet HTML 42Page - RF Micro Devices RF6001 Datasheet HTML 43Page - RF Micro Devices RF6001 Datasheet HTML 44Page - RF Micro Devices RF6001 Datasheet HTML 45Page - RF Micro Devices RF6001 Datasheet HTML 46Page - RF Micro Devices RF6001 Datasheet HTML 47Page - RF Micro Devices RF6001 Datasheet HTML 48Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
44 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
In GMSK mode, there is a latency of approximately 12qst (12.2qst, actually) from the center of a data symbol entering the
modulator to the maximum RF effect of the symbol. Thus DAC1 is aligned with the “Data at output” field and is 12qst delayed
from the data at the input of the GMSK modulator. The data at the input of the modulator is delayed by 6qst from the data at
the FIFO output by G_DLY. Thus the total delay is 18qst and matches the 8PSK delay.
Note that none of the tail bits are punctured.
GMSK to GMSK, EALGN=1, “Normal” Serial Mode
If the serial mode interface is used instead of the FIFO then the diagram below presents the transition. MD_DLY2 is active in
serial mode as well as FIFO mode. The rules for MD_DLY2 are as follows:
Data changes at MDI on the rising edges of MCK and is read on the falling edges of MCK. In this example G_DLY is set to 6qst
so the Modulator input is delayed a net of 8 qst from the data at MDI.
In this diagram G_CNT is set to three to blank the first three serial bits from the baseband system. MD_DLY2 is set to 1 to
exactly meet the ETSI 8.25 symbol guard time. G_DEF fills the three garbage symbols and the 1 qst from MD_DLY2.
There will be a phase glitch at the start of G_DLY due to the quarter bit shift. This will occur during the ramp down. As in the last
case this should not be a problem if the previous four symbols are all 1s or 0s.
Note that the falling edge of TX_ST is delayed 1qst. This is not a timing mask issue as there is no timing mask between GPRS
bursts other than the maximum power level.
If the serial mode interface is used with MS then the only difference is that MS will pulse on the last G_CNT count.
0
1
11
0
1
11
X
1
XX
0
1
0
0
1
00
0
00
0
00
0
MDI
G_DEF
garbage
guard
guard
data
guard guard
data
garbage
garbage
guard
tail
tail
tail
tail
G_DLY
12 qst
G_DLY
37qst
Center of
last tail bit
MD_DLY2=1
G_CNT=3
Ignored
Garbage Bits
Clocks
Reset
8qst
Desired center
of first tail bit
MCK
TXST
DAC1
Data Alignment
at RF
guard
tail
tail
tail
data
G_DEF
G_DEF
guard
guard
data
tail
tail
tail
Modulator
Input
guard
guard
tail
tail
guard
G_DEF
guard
G_DEF
data
data
tail
tail
tail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com