Electronic Components Datasheet Search
  English  ▼

X  

RF6001 Datasheet(PDF) 29 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 29 Page - RF Micro Devices

Back Button RF6001 Datasheet HTML 25Page - RF Micro Devices RF6001 Datasheet HTML 26Page - RF Micro Devices RF6001 Datasheet HTML 27Page - RF Micro Devices RF6001 Datasheet HTML 28Page - RF Micro Devices RF6001 Datasheet HTML 29Page - RF Micro Devices RF6001 Datasheet HTML 30Page - RF Micro Devices RF6001 Datasheet HTML 31Page - RF Micro Devices RF6001 Datasheet HTML 32Page - RF Micro Devices RF6001 Datasheet HTML 33Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
29 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
The next diagram illustrates operation of the PA ramp control system for a GPRS transmit sequence. In this case, the
GPRS_TX1 bit should be programmed to one (1), and GPRS_TX2 is set to zero (0). As in the GSM burst case, the sequence is
initiated by taking the TXST pin high. The DAC1 pin will ramp to the output level set by the PAR and PAG settings. The new power
level for the next GPRS slot should then be programmed into the PAG register. When TXST is taken low and then high again, the
system will ramp to the new value in the PAG register, again using the waveform programmed into the PAR registers. (The
change is initiated on the rising edge of TXST.) This can continue indefinitely until a PAG value of zero is programmed. The sys-
tem will then ramp down to the minimum (DAC1V) value on the falling edge of TXST. The TXEN pin will then return low after a
delay set by TXEND after the ramp down has completed.
DAC
Output
DAC1V
TXENU
TXEND
TX_ST
TX_EN
Standard GSM Single Burst
(GPRS_TX1=0, GPRS_TX2=0)
PAR[15]+DAC1
PAG*
PAT
DAC
Output
DAC1V
PAG(1)*PAR[15]+DAC1V
TX_EN
TX_ST
GPRS Mode 1
(GPRS_TX1=1, GPRS_TX2=0)
PAG(2)*PAR[15]+DAC1V
PAG(3)*PAR[15]+DAC1V
PAG
(SDI)
PAG(1)
PAG(2)
PAG(3)
PAG(4)=0
TXENU
TXEND
PAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com