Electronic Components Datasheet Search
  English  ▼

X  

RF6001 Datasheet(PDF) 52 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 52 Page - RF Micro Devices

Back Button RF6001 Datasheet HTML 48Page - RF Micro Devices RF6001 Datasheet HTML 49Page - RF Micro Devices RF6001 Datasheet HTML 50Page - RF Micro Devices RF6001 Datasheet HTML 51Page - RF Micro Devices RF6001 Datasheet HTML 52Page - RF Micro Devices RF6001 Datasheet HTML 53Page - RF Micro Devices RF6001 Datasheet HTML 54Page - RF Micro Devices RF6001 Datasheet HTML 55Page - RF Micro Devices RF6001 Datasheet HTML 56Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
52 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
General Purpose Output Control
The RF6001 provides three general purpose output pins, GPO1, GPO2, and GPO3; a timing control unit is implemented within
the RF6001. This timing control is identical to that in the RF2722 for the GPO’s with added GPO control in TX modes. The tim-
ing controls are set by the DCTIME2 (11:0) and TRD bits in the TRSW register. The GPO values used during the startup of RX or
TX bursts are defined by the TRDCRX (2:0) and TRDCTX (2:0) bits in the CFG3 register. This allows the RF6001 to control the
TX/RX switch to provide more isolation during DC offset correction in RX mode, or to provide more isolation for the PA output
power before ramping up in TX mode.
Power Supplies and Control Signals
The RF6001 has four primary supply pins: VDD, VCC, VCCV, and VDDRX. These pins require a 2.7V to 3.0V supply, usually from a
voltage regulator on the application circuit board. These four supply pins must be maintained within 0.3V of each other. That
is, all four supplies should be power up or down together. The part is not designed to allow one supply to be at 2.7V to 3V with
the others at 0V.
The recommended start-up and power-on sequence for the RF6001 is described below.
1) Power-down: all power supplies and enable lines are low (OSCM, RXEN, TXST, TXEN).
2) Standby Mode: Board regulators to VDD, VCC, VCCV, and VDDRX are enabled. All enable lines are low. The internal digital volt-
age regulator (between VDD and DCD) requires approximately 50us to settle, triggering the internal power-on reset (POR) cir-
cuit. It is recommended that the baseband processor send a RESET op-code to the RF6001 at this point, as well.
3)Idle Mode: The reference oscillator input circuits and output buffer (OSCO) are enabled by setting the OSCM pin high. The
oscillator input and output circuits require up to 1ms to settle.
4) Active Mode (either Receive or Transmit): The required Receive or Transmit signal path and PLL/VCO circuits are enabled by
the RXEN or TXST pin, respectively.
To
RF3146
27 pF
47 pF
28
27
21
23
22
26
25
24
Loop
Filters
VCO2
VCO1
VCO
VREG
RF6001
18
17
13
12
RF2722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com