Electronic Components Datasheet Search
  English  ▼

X  

RF6001 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 4 Page - RF Micro Devices

  RF6001 Datasheet HTML 1Page - RF Micro Devices RF6001 Datasheet HTML 2Page - RF Micro Devices RF6001 Datasheet HTML 3Page - RF Micro Devices RF6001 Datasheet HTML 4Page - RF Micro Devices RF6001 Datasheet HTML 5Page - RF Micro Devices RF6001 Datasheet HTML 6Page - RF Micro Devices RF6001 Datasheet HTML 7Page - RF Micro Devices RF6001 Datasheet HTML 8Page - RF Micro Devices RF6001 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
4 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
PLL Specification
Frequency Range
0
2100
MHz
Internal
0
550
MHz
FIN pin
Input Level (FIN pin)
50
mVRMS
Input Impedance (FIN pin)
2k
Ω//2pF
On PC board
Phase Detector Frequency (FR)26
MHz
PLL Bandwidth
90
kHz
TX mode
50
kHz
RX mode
Phase Noise at 50kHz
-80
dBc/Hz
RX mode
-102
dBc/Hz
TX mode, VCO1
-95
dBc/Hz
TX mode, VCO2
Output RF Spectrum due to Modu-
lation
200kHz
-86.3
-83.3
dBc/Hz
250kHz
-89.3
-86.3
dBc/Hz
400kHz
-116.3
-113.3
dBc/Hz
Low band
400kHz
-113.8
-110.8
dBc/Hz
High band
600kHz to <1800kHz
-116.3
-113.3
dBc/Hz
1800kHz to <3000kHz
-126.5
-123.5
dBc/Hz
3000kHz to <6000kHz
-126.5
-123.5
dBc/Hz
>6000kHz
-134.5
-131.5
dBc/Hz
Total Integrated Noise
1
°rms
RX PLL Spurious Outputs
-65
dBc
600kHz to 1.6MHz
ETSI Spec Limits
-75
dBc
1.6MHz to 3MHz
-85
dBc
>3MHz low band
-82
dBc
>3MHz high band
-108
dBc
Out of band
PLL Warm-up Time
140
μsTX mode
150
μsRX mode
Reference Oscillator Input
VCTCXO (OSCA Pin)
Frequency Range (FR)0
26
MHz
Input Level (VINR)250
mVRMS
Input Impedance (ZINR)5kΩ//2pF
On PC board
Phase Noise
-150
dBc/Hz
At 100kHz offset and above (external TCXO)
Reference Oscillator Input
Crystal (If Used)
Beckmann Curve Discontinuities
0.2
ppm
Crystal Startup Time
1
ms
Crystal Load Capacitance
10.5
pF
Crystal Case Capacitance
2.5
4.0
pF
Pullability
30
ppm/pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com