Electronic Components Datasheet Search
  English  ▼

X  

RF6001 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF6001 Datasheet HTML 3Page - RF Micro Devices RF6001 Datasheet HTML 4Page - RF Micro Devices RF6001 Datasheet HTML 5Page - RF Micro Devices RF6001 Datasheet HTML 6Page - RF Micro Devices RF6001 Datasheet HTML 7Page - RF Micro Devices RF6001 Datasheet HTML 8Page - RF Micro Devices RF6001 Datasheet HTML 9Page - RF Micro Devices RF6001 Datasheet HTML 10Page - RF Micro Devices RF6001 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
7 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Composite Digital Filtering
and Downconversion, cont’d.
DCR Mode
Passband Ripple
0.5
dB
All bandwidths except 85kHz
1.0
dB
BW=85kHz
Group Delay
Composite with RF2716
43.0
43.2
43.5
us
BW=80kHz and 85kHz
30.1
30.3
3.06
us
BW=90kHz and greater
Group Delay Variance
2
ns
RF6001 only
Group Delay Variance at
Bandwidth Edge
Composite with RF2716
228
256
341
ns
BW=80kHz
241
271
369
ns
BW=85kHz
253
286
406
ns
BW=90kHz
267
303
456
ns
BW=95kHz
282
324
521
ns
BW=100kHz
325
383
720
ns
BW=110kHz
392
481
1035
ns
BW=120kHz
572
752
1750
ns
BW=135kHz
3dB Corner Frequency
Composite with RF2716
80.8
MHz
BW=80kHz
85.4
MHz
BW=85kHz
89.8
MHz
BW=90kHz
96.5
MHz
BW=95kHz
100.1
MHz
BW=100kHz
110.2
MHz
BW=110kHz
119.8
MHz
BW=120kHz
136.1
MHz
BW=135kHz
Attenuation at -600kHz
-100
dB
All bandwidths
Attenuation at -400kHz
-60
dB
All bandwidths
Attenuation at ±200kHz
-35
dB
BW=80kHz and 85kHz
-45
dB
BW=90kHz and 95kHz
-50
dB
BW=100kHz and greater
Attenuation at +400kHz
-100
dB
All bandwidths
Attenuation at +600kHz
-100
dB
All bandwidths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com