Electronic Components Datasheet Search
  English  ▼

X  

RF6001 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 3 Page - RF Micro Devices

  RF6001 Datasheet HTML 1Page - RF Micro Devices RF6001 Datasheet HTML 2Page - RF Micro Devices RF6001 Datasheet HTML 3Page - RF Micro Devices RF6001 Datasheet HTML 4Page - RF Micro Devices RF6001 Datasheet HTML 5Page - RF Micro Devices RF6001 Datasheet HTML 6Page - RF Micro Devices RF6001 Datasheet HTML 7Page - RF Micro Devices RF6001 Datasheet HTML 8Page - RF Micro Devices RF6001 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
3 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Performance Specifications
SDI Write to RXEN or TXST
200
ns
Delay from SDI write to RXEN or TXST
RX_EN to Valid Data Start
200
μsDCR mode
160
μsVLIF mode
TX_ST to Valid Data Start
140
μs
Modulation Accuracy
TX RMS Phase Error
1.1
3.0
°
TX Peak Phase Error
5.0
7.0
°
TX 400kHz GMSK Spectrum
-60
dBc
30kHz RBW rel to mod peak
VCO1
External inductor Q>30.
Frequency Range (FVCO1)824
915
MHz
Phase Noise at 20MHz (LF)
-164
dBc/Hz
Power Out
3
dBm
Frequency Pushing
4
MHz/V
VCCV+0.15V
Frequency Pulling
1
MHz
2:1 VSWR all phases
Output VSWR
2.5:1
VCO2
Frequency Range (FVCO2)1710
1910
MHz
Phase Noise at 20MHz (LF)
-155
dBc/Hz
Power Out
3
dBm
Frequency Pushing
4
MHz/V
VCCV+0.15V
Frequency Pulling
1
MHz
2:1 VSWR all phases
Output VSWR
2.5:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com