Electronic Components Datasheet Search
  English  ▼

X  

RF6001 Datasheet(PDF) 41 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 41 Page - RF Micro Devices

Back Button RF6001 Datasheet HTML 37Page - RF Micro Devices RF6001 Datasheet HTML 38Page - RF Micro Devices RF6001 Datasheet HTML 39Page - RF Micro Devices RF6001 Datasheet HTML 40Page - RF Micro Devices RF6001 Datasheet HTML 41Page - RF Micro Devices RF6001 Datasheet HTML 42Page - RF Micro Devices RF6001 Datasheet HTML 43Page - RF Micro Devices RF6001 Datasheet HTML 44Page - RF Micro Devices RF6001 Datasheet HTML 45Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
41 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Controlling Initial Data Flow
The RF6001 can be configured to control the dummy bits and guard bits that occur before the tail bits of the burst. The
RF6001 can also be configured to allow the user to control these bits instead.
The block diagram shown below is a useful representation of how the data flow works within the RF6001 for this functionality.
The actual system has other control modes but for the purposes of this discussion only this part is shown.
TX_DATA is the data flow from the FIFO or the serial interface
DE_INIT is the initial state of the differential encoder system set from SDI.
Clkx96 is the 26MHz system clock.
sample_mdi is the internal trigger signal that reads TX_DATA
GCNT_done is an internal trigger signal that signifies that the “garbage count” is completed.
TX_DE selects internal differential encoding or not.
G_DEF is the default states of the modulator when not selected for active data.
MD_DLY1 triggers when active data is released to the modulators.
D
Q
D
Q
TX_DE
01
0
0
0
0
1
1
1
1
TX_DATA
DE_INIT
clkx96
sample_mdi
GCNT_done
To GMSK
Modulator
G_DEF
01
GCNT_done



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com