Electronic Components Datasheet Search
  English  ▼

X  

RF6001 Datasheet(PDF) 35 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 35 Page - RF Micro Devices

Back Button RF6001 Datasheet HTML 31Page - RF Micro Devices RF6001 Datasheet HTML 32Page - RF Micro Devices RF6001 Datasheet HTML 33Page - RF Micro Devices RF6001 Datasheet HTML 34Page - RF Micro Devices RF6001 Datasheet HTML 35Page - RF Micro Devices RF6001 Datasheet HTML 36Page - RF Micro Devices RF6001 Datasheet HTML 37Page - RF Micro Devices RF6001 Datasheet HTML 38Page - RF Micro Devices RF6001 Datasheet HTML 39Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
35 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Case 4: GMSK FIFO Clocking Signals Generated by Baseband, TXD_MODE=1, TXF=10
The FIFO will automatically clear under three conditions: 1) if the SDI reset field is programmed; 2) at the end of any transmis-
sion burst following the end of the ramp down; and, 3) if the SDI field FCLR is set. This will clear the contents of the FIFO mem-
ory and designate the next bit written as the first output bit of the FIFO. The baseband will then generate a clock of less than or
equal to 26MHz applied to MCK. On every rising edge of MCK, the baseband will assert an NRZ data bit on MDI if TXCKINV is
low. The RF6001 will read this data if MS is high on every falling edge of MCK if TXCKINV is set low. If TXCKINV is set high then
the baseband will assert an NRZ data bit on the falling edge of MCK and the RF6001 will read this data bit if MS is high on
every rising edge of MCK. This data will be stored in a FIFO register of length 1024 bits in the RF6001. The diagram below sum-
marizes this part of the interface. This is the same as Case 5 except that the data is framed by MS.
Transmission is initiated by setting the TXST or TXEN pins to a logical high. If TX_ST is set high then an internal timer, TXENU, is
programmed to delay the rise of TX_EN. A second timer, MD_DLY, determines when the modulation stored in the FIFO will begin
to be output relative to the rising edge of TX_ST. Data will be output at a 13MHz/48 rate. New data CAN be loaded into the
FIFO input while the output is active. The second diagram below summarizes the operation of the second step of this interface.
TXCKINV=0, TXF=10
MDI
FIFO
Count
12
3
16
MS
MCK
Auto Clear
T
SU
T
H
T
CWH
T
CWL
T
CS
TXCKINV=1, TXF=10
Auto Clear
MCK
MS
FIFO
Count
12
3
16
MDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com