Electronic Components Datasheet Search
  English  ▼

X  

RF6001 Datasheet(PDF) 63 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 63 Page - RF Micro Devices

Back Button RF6001 Datasheet HTML 59Page - RF Micro Devices RF6001 Datasheet HTML 60Page - RF Micro Devices RF6001 Datasheet HTML 61Page - RF Micro Devices RF6001 Datasheet HTML 62Page - RF Micro Devices RF6001 Datasheet HTML 63Page - RF Micro Devices RF6001 Datasheet HTML 64Page - RF Micro Devices RF6001 Datasheet HTML 65Page - RF Micro Devices RF6001 Datasheet HTML 66Page - RF Micro Devices RF6001 Datasheet HTML 67Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
63 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Reset - Address 011111
Calibration Register 2 (CAL2) - Address 110000
Location
Bit Name
Default
Function
RESET (17:0)
reserved
0
reserved, program to zero (0)
The RF6001 IC is forced into reset (default state) when the RESET address is writ-
ten. The part is held in reset until the SSB signal is taken high after the address is
written.
Location
Bit Name
Default
Function
CAL2(17:15)
reserved
0
reserved, program to zero (0).
CAL2(14)
R0816B
0
If programmed high, then every other PAR starting with PAR[1] is used to form the ramp.
This shortens the ramping time to 8 quarter symbol times.
If programmed low, the ramping time is 16 quarter symbol times.
CAL2(13)
EALGN
0
Resets the GMSK modulator symbol raster when the modulator input transitions from
G_DEF to user data. This can by used in conjunction with G_DLY to allow finer con-
trol of the GMSK modulator latency.
0=GMSK modulator symbol raster set by TXST
1=GMSK modulator symbol raster set by user data
CAL2(12:0)
reserved
0
reserved, program to zero (0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com