Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 16 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 16 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 12Page - TE Connectivity Ltd 03303003 Datasheet HTML 13Page - TE Connectivity Ltd 03303003 Datasheet HTML 14Page - TE Connectivity Ltd 03303003 Datasheet HTML 15Page - TE Connectivity Ltd 03303003 Datasheet HTML 16Page - TE Connectivity Ltd 03303003 Datasheet HTML 17Page - TE Connectivity Ltd 03303003 Datasheet HTML 18Page - TE Connectivity Ltd 03303003 Datasheet HTML 19Page - TE Connectivity Ltd 03303003 Datasheet HTML 20Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
www.hubbell-wiring.com
V-16
Wiring Device-Kellems
®
C
B
A
F
E
G
D
20308001A
Stainless Steel Swivels
Maximum Safe
Working Load
Lbs. (N)
Dimensions in Inches (cm)
Model
Catalog Number
A
B
C
D
E
F
G
2,250
(10,000)
⁷⁄₈
"
(2.22)
2½"
(6.35)
3³⁄₈
"
(8.57)
⁷⁄₁₆
"
(1.11)
³⁄₈
"
(0.95)
⁵⁄₁₆
"
(0.79)
³¹⁄₃₂
"
(2.46)
A-13L
20308001A
5,000
(22,240)
1¼"
(3.17)
3¹¹⁄₁₆
"
(9.37)
4¾"
(12.06)
1⁷⁄₃₂
"
(1.35)
1⁷⁄₃₂
"
(1.35)
¹³⁄₃₂
"
(1.03)
1⁹⁄₃₂
"
(3.25)
BB-13L
20308002A
9,000
(40,030)
1½"
(3.81)
4¼"
(10.79)
5⁵⁄₈
"
(14.29)
¹¹⁄₁₆
"
(1.75)
1⁹⁄₃₂
"
(1.51)
½"
(1.27)
1⁹⁄₁₆
"
(3.97)
B-13L
20308003A
10,000
(44,480)
1⁵⁄₈
"
(4.13)
4½"
(11.43)
6"
(15.24)
¾"
(1.90)
¹¹⁄₁₆
"
(1.75)
⁵⁄₈
"
(1.59)
1²³⁄₃₂
"
(4.36)
C-13L
20308004A
30,000
(133,440)
2³⁄₈
"
(6.03)
7⁵⁄₈
"
(19.37)
10"
(25.40)
1³⁄₁₆
"
(3.02)
1¹⁄₃₂
"
(2.62)
⁷⁄₈
"
(2.22)
2²⁵⁄₃₂
"
(7.06)
D-13L
20308005A
Kellems® Wire Management Products
Swivels
Pulling Grips Accessories
Stainless Steel Swivels
Swivels are essential to the efficiency and safety of any high tension application. They are
particularly important where continuous pulls develop higher and higher torque levels.
Torque is intensified by the pull-resistance of the cable itself and the resistance of the high
tension controlling equipment regulating line sag.
Ball bearing swivels release torque and prevent it from reaching dangerous levels that can
damage the cable and obstruct the lines.
IMPORTANT
Read all breaking strength,
safety and technical data
relating to this product.
Pages V-17 to V-26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com