Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 41 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 41 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 37Page - TE Connectivity Ltd 03303003 Datasheet HTML 38Page - TE Connectivity Ltd 03303003 Datasheet HTML 39Page - TE Connectivity Ltd 03303003 Datasheet HTML 40Page - TE Connectivity Ltd 03303003 Datasheet HTML 41Page - TE Connectivity Ltd 03303003 Datasheet HTML 42Page - TE Connectivity Ltd 03303003 Datasheet HTML 43Page - TE Connectivity Ltd 03303003 Datasheet HTML 44Page - TE Connectivity Ltd 03303003 Datasheet HTML 45Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 106 page
background image
V-41
www.hubbell-wiring.com
Wiring Device-Kellems
®
Support Grip Selection Chart
Grip Styles
Application
Page
Closed mesh
Split lace closing
Split rod closing
Material*
Standard support grips
Heavy duty grips
Service drop
Bus drop
Conduit riser
Fiber optic cable support grips
Standard, permanent support, cable end available.
Standard, permanent support, cable end unavailable.
Standard, temporary support, cable end unavailable. Tape or band tail end of
wire mesh grip after positioning for permanent support.
Tin-coated bronze standard or stainless steel by special request.
Support vertical runs to 99 ft. loads to 600 lbs.
Support vertical runs over 100 ft. loads over 600 lbs.
Light duty to support service entrance cable.
Light duty support, indoors only, on Bus drop cable.
Support cable runs in rigid (Schedule 40) conduit.
Support fiber optic cable.
V-28 to V-36
V-28 to V-33
V-28 to V-31
V-28 to V-34
V-28 to V-31
V-32, V-33
V-34, V-35
V-36
V-37 to V-39
V-50
Note: *Most catalog listed support grips are made of tin-coated bronze strand. To order stainless steel support grips, change the first three catalog number digits from
022-0x-xxx to 024-0x-xxx. Consult Technical Service for details.
Eye Styles
Select the Correct Support Grip
Each Kellems grip is designed to work on a specific
range of cable diameters.
Step 1 Refer to the Kellems chart below to determine
the grip style best suited for your application.
Step 2 Determine your cable outside diameter.
Step 3 Find the grip size that encompasses your
cable diameter.
Step 4 Whenever possible, use a closed mesh that
assembles over the cable end. If the cable end
is not available, use a split mesh.
Step 5 Where available, select an eye style that suits
your needs.
Step 6 Select the proper material—tinned bronze or
stainless steel*.
Step 7 Estimate the tension to be put on the grip,
establish the working load you require and
compare this to the listed approximate breaking
strength of the grip to insure that the grip will be
strong enough. Refer to page V-42 for safety
and working load considerations.
Kellems® Wire Management Products
Technical Information
Support Grips
Kellems® Support Grips
Kellems Support Grips are used to hold the weight of electrical cable as it hangs in a vertical, sloping or horizontal position.
Electrical cable must be supported, or its dead weight can cause excessive strain or pullout at the connections resulting in
power failure. Support grips also absorb additional strain from flexure, vibration, expansion and contraction. Kellems Support
Grips listed in this catalog are made of high grade, non-magnetic tin-coated bronze strand. Stainless steel grips, made of alloy
302–304 SST for severe service or unusual environmental conditions, are available on request.
Single
Double
Universal
Offset
1. Support grips are to be installed by a qualified individual in
accordance with all applicable national and local safety, electrical
and rigging codes.
2. Ensure that the correct grip is selected for your specific needs.
3. Do not use a support grip for any application other than
supporting cable.
4. Thoroughly examine the grip for damage. Do not use a damaged grip.
5. Ensure that the recommended work load of the grip is suitable for
the application. Never use grips at their approximated rated breaking
strength. A safety factor of 10 is recommended for support grips.
6. Do not alter grips in any way. For example, do not flatten, straighten,
bend or otherwise modify eye tubes, hooks, and strand equalizers.
7. Do not attach any type of hook, clamp or other hardware directly to
the stranded bale of a “U” eye support grip. The formed eye tube is
the only acceptable means of attachment to external hardware.
8. Always apply 2 bands at 1" and 2" respectively, from the tail end of
the mesh to guard against accidental release of the grip. Accidental
release can occur if an object contracts and pushes against the tail
end of the mesh, thereby expanding and releasing it’s hold.
CAUTION: It is very important to comply with all of the
following precautions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com