Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 66 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 66 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 62Page - TE Connectivity Ltd 03303003 Datasheet HTML 63Page - TE Connectivity Ltd 03303003 Datasheet HTML 64Page - TE Connectivity Ltd 03303003 Datasheet HTML 65Page - TE Connectivity Ltd 03303003 Datasheet HTML 66Page - TE Connectivity Ltd 03303003 Datasheet HTML 67Page - TE Connectivity Ltd 03303003 Datasheet HTML 68Page - TE Connectivity Ltd 03303003 Datasheet HTML 69Page - TE Connectivity Ltd 03303003 Datasheet HTML 70Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 106 page
background image
www.hubbell-wiring.com
V-66
Wiring Device-Kellems
®
Benefits
• Helps prevent conduit pull-out and damage at the fitting.
• Reduces equipment downtime.
Kellems® Wire Management Products
Strain Relief for Liquidtight Conduit
Steel Fitting, Stainless Steel Mesh for Liquidtight Metal Conduit and PolyTuff® I Non-Metallic Conduit
Straight With Male Fitting
Conduit
Trade Size
Inches
NPT
Fitting Size
Inches
Mesh Length
Inches
(cm)
Catalog Number
(Insulated)
Catalog Number
(Non-insulated)
³⁄₈
½
3"
(7.62)
074093511
074093401
½
½
3.5"
(8.89)
074093512
074093402
¾
¾
4"
(10.16)
074093513
074093403
1
1
5"
(12.70)
074093514
074093404
1¼
1¼
6"
(15.24)
074093515
074093405
1½
1½
6.75"
(17.14)
074093516
074093406
2
2
8"
(20.32)
074093518
074093408
2½
2½
9.75"
(24.76)
074093520
074093410
3
3
11"
(27.94)
074093522
074093412
4
4
14"
(35.56)
074093526
—
90° Angle With Male Fitting
Conduit
Trade Size
Inches
NPT
Fitting Size
Inches
Mesh Length
Inches
(cm)
Catalog Number
(Insulated)
Catalog Number
(Non-insulated)
³⁄₈
½
3"
(7.62)
074093541
074093421
½
½
3.5"
(8.89)
074093542
074093422
¾
¾
4"
(10.16)
074093543
074093423
1
1
5"
(12.70)
074093544
074093424
1¼
1¼
6"
(15.24)
074093545
074093425
1½
1½
6.75"
(17.14)
074093546
074093426
2
2
8"
(20.32)
074093548
074093428
2½
2½
9.75"
(24.76)
074093550
—
3
3
11"
(27.94)
074093552
—
Note: For use with Liquidtight Metal conduit and PolyTuff® I Non-Metallic conduit.
IMPORTANT
Read all breaking strength,
safety and technical data
relating to this product.
Pages V-74 to V-76.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com