Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 52 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 52 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 48Page - TE Connectivity Ltd 03303003 Datasheet HTML 49Page - TE Connectivity Ltd 03303003 Datasheet HTML 50Page - TE Connectivity Ltd 03303003 Datasheet HTML 51Page - TE Connectivity Ltd 03303003 Datasheet HTML 52Page - TE Connectivity Ltd 03303003 Datasheet HTML 53Page - TE Connectivity Ltd 03303003 Datasheet HTML 54Page - TE Connectivity Ltd 03303003 Datasheet HTML 55Page - TE Connectivity Ltd 03303003 Datasheet HTML 56Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 106 page
background image
www.hubbell-wiring.com
V-52
Wiring Device-Kellems
®
How to Select OPTISOK®
• Identify connector bundle diameter to be inserted into
the OPTISOK®.
• Choose appropriate catalog number based on size range.
Installation Information
Step 1 Expand open end of OPTISOK® and gently work in fiber optic
connector bundle.
Step 2 Still gently, work connector bundle up to the forward section
of the OPTISOK®.
Step 3 Starting at approximately 6" (15.2cm) from tail end of OPTISOK®,
tightly fold over the OPTISOK® around cables and tape wrapped
section 3" (7.62cm) past tail end onto the bundle.
Step 4 Securely attach pulling line or tape to pulling ring.
Note: To remove OPTISOK® carefully unwrap tape and slide out cables and connectors or cut
OPTISOK® away without damaging connectors or cables.
Kellems® Wire Management Products
Technical Information
OPTISOK® Pulling Grips
Kellems offers a unique and simple to use tool for the
installation of preconnectorized fiber optic cables, jumpers
and bundles of twisted pair communication cables - the
OPTISOK®.
The OPTISOK® is a highly flexible and expandable
nonmetallic sleeve open on one end and with a pulling
ring on the other. It will expand to enclose the larger group
of fiber optic connectors and grab the cable below the
connector bundle by wrapping and taping to provide a
gripping tool that will grab the cable(s) below the connectors.
The pulling ring can be attached to a pulling line or fish tape
and the OPTISOK® will act as the pulling tool.
OPTISOK® will contain and protect the connector bundle
and save time and labor by making the pulling job easier,
protecting the connectors from possible damage during the
pull and facilitating the passage of the connector bundle
through cramped and tight spaces. The OPTISOK® can be
used to pull cables through plenums, underfloor duct, office
partitions, raised access floors and conduits. Three sizes are
available for all applications.
Step 1
Step 2
Step 3
Step 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com