Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 76 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 76 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 72Page - TE Connectivity Ltd 03303003 Datasheet HTML 73Page - TE Connectivity Ltd 03303003 Datasheet HTML 74Page - TE Connectivity Ltd 03303003 Datasheet HTML 75Page - TE Connectivity Ltd 03303003 Datasheet HTML 76Page - TE Connectivity Ltd 03303003 Datasheet HTML 77Page - TE Connectivity Ltd 03303003 Datasheet HTML 78Page - TE Connectivity Ltd 03303003 Datasheet HTML 79Page - TE Connectivity Ltd 03303003 Datasheet HTML 80Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 106 page
background image
www.hubbell-wiring.com
V-76
Wiring Device-Kellems
®
Dimensional Charts For UL Type A, Liquidtight Conduit Grip Fittings
Straight with Male Fitting with Insulated Throat
Dimensions Inches (cm)
Trade Size
NPT Inches A
B
C
D
Catalog Number
³⁄₈
1.922" (4.88)
.594" (1.51)
1.156" (2.94)
3.75" (9.52)
H038CNK
½
1.922" (4.88)
.594" (1.51)
1.250" (3.17)
4.50" (11.43)
H050CNK
¾
2.016" (5.12)
.594" (1.51)
1.500" (3.81)
6.25" (15.87)
H075CNK
1
2.157" (5.48)
.719" (1.83)
1.844" (4.68)
7.50" (19.05)
H100CNK
1¼
2.219" (5.64)
.750" (1.91)
2.312" (5.87)
9.00" (22.86)
H125CNK
1½
2.344" (5.95)
.750" (1.91)
2.578" (6.55)
13.50" (34.29)
H150CNK
2
2.406" (6.11)
.750" (1.91)
3.187" (8.09)
14.50" (36.83)
H200CNK
90° Angle with Male Fitting with Insulated Throat
Dimensions Inches (cm)
Trade Size
NPT Inches E
F
G
H
I
Catalog Number
³⁄₈
1.250" (3.18)
.594" (1.51)
1.156" (2.94)
1.453" (3.69)
3.75" (9.52)
H0389CNK
½
1.281" (3.25)
.594" (1.51)
1.250" (3.17)
1.453" (3.69)
4.50" (11.43)
H0509CNK
¾
1.438" (3.65)
.594" (1.51)
1.500" (3.81)
1.000" (2.54)
6.25" (15.87)
H0759CNK
1
1.750" (4.44)
.719" (1.83)
1.844" (4.68)
2.125" (5.40)
7.50" (19.05)
H1009CNK
1¼
1.969" (5.00)
.750" (1.91)
2.312" (5.87)
2.344" (5.95)
9.00" (22.86)
H1259CNK
1½
2.250" (5.71)
.750" (1.91)
2.578" (6.55)
2.500" (6.35)
13.50" (34.29)
H1509CNK
2
2.531" (6.43)
.750" (1.91)
3.187" (8.09)
2.781" (7.06)
14.50" (36.83)
H2009CNK
C
Flats
A
Ref.
B
Ref.
D
H
I
F
E
G
Flats
Steel Locknut has tangs that dig
into box for excellent continuity of
ground; locknut will not slip or spin
Insulated throat protects
insulation on wires during
pulling; yellow color easily
seen by inspectors
Body is virtually unbreakable. Straight connectors through 1" are screw
machine steel; other sizes are malleable iron. Threads are tapered to
insure liquidtight seal when used in threaded hub; octagonal shape inside
holds the ferrule to prevent conduit from twisting during installation
Neoprene O-ring is factory
assembled into the body
to seal out liquids
Wire mesh grip
prevents pullout
Yellow nylon ferrule fits inside non-
metallic conduit to hold the shape; barb
in designed to assure liquidtight seal even
with non-square cut; ferrule is keyed to fit
into body to prevent conduit twisting
Hexagonal compression nut is machine steel
through 1" malleable iron on larger sizes;
tapered interior compresses sleeve over conduit
sealing out liquids and preventing pullout
Yellow nylon sleeve installs over conduit; six slits in sleeve permit
tight compression onto conduit as compression nut is tightened
Strain Relief for UL Type A, Flexible, Liquidtight Conduit
Kellems Grips for UL Type A, non-metallic, flexible, liquidtight conduit are available in straight and 90° male and feature a
high quality Hubbell plated steel or malleable iron fitting, complete with a sealing O-ring, lock nut and stainless steel mesh.
These grips increase the retention of the conduit in the fitting, control its arc-of-bend and provide a liquidtight seal.
Kellems® Wire Management Products
Technical Information
Strain Relief for Liquidtight Conduit
Benefits
• Provides a liquidtight seal.
• Helps prevent conduit pull-out.
• Reduces conduit cutting, kinking, fraying and splitting at the fitting.
• Easily installed.
Application
These grips are used on UL Type A non-metallic
conduit connections at limit switches, motor boxes,
panel boards, control stations and on all types of
machinery and machine tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com