Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 21 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 21 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 17Page - TE Connectivity Ltd 03303003 Datasheet HTML 18Page - TE Connectivity Ltd 03303003 Datasheet HTML 19Page - TE Connectivity Ltd 03303003 Datasheet HTML 20Page - TE Connectivity Ltd 03303003 Datasheet HTML 21Page - TE Connectivity Ltd 03303003 Datasheet HTML 22Page - TE Connectivity Ltd 03303003 Datasheet HTML 23Page - TE Connectivity Ltd 03303003 Datasheet HTML 24Page - TE Connectivity Ltd 03303003 Datasheet HTML 25Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
V-21
www.hubbell-wiring.com
Wiring Device-Kellems
®
Underground Pulling K-Type and T-Type Grips
K-Type Application
Rotating Eye, K-Type Pulling Grips are specially designed for use in the installation of underground power cables,
communication lines and service lines into factories, shopping centers, construction projects and general underground
electrical construction.
Rotating Eye Feature
K-Type Grips come equipped with a forged steel rotating eye which can be attached to a swivel. The forged eye is durable,
compact and streamlined, and will thread through blocks and sheaves without binding.
The rotating eye is not a swivel and will not turn while under tension; it can turn to relieve pulling torque when the
tension is relaxed. If constant swivel action is required, a swivel should be used. For swivel dimensions, see page V-16.
Benefits
• An economical tool for pulling cable.
• Safe, rugged and dependable.
• Equipped with a rotating eye for spin out of pulling torque after load release.
• Easily installed and removed.
Rotating Eye Dimensions
Rotating Eye
Dimensions
Inches (cm)
A
B
C
D
F
⁷⁄₈
" (2.22)
⁷⁄₈
" (2.22)
⁹⁄₃₂
" (.71)
¹⁄₂
" (1.27)
⁷⁄₈
" (2.22)
2⁵⁄₈
" (6.67)
1" (2.54)
1" (2.54)
¹⁄₂
" (1.27)
⁹⁄₁₆
" (1.43)
¹³⁄₁₆
" (2.06)
3¹⁄₂
" (8.89)
1³⁄₈
" (3.49)
1³⁄₈
" (3.49)
¹⁄₂
" (1.27)
¹¹⁄₁₆
" (1.75)
1" (2.54)
4¹⁄₂
" (11.43)
1⁵⁄₈
" (4.13)
1⁵⁄₈
" (4.13)
⁵⁄₈
" (1.59)
⁷⁄₈
" (2.22)
1³⁄₁₆
" (3.02)
5⁵⁄₁₆
" (13.49)
1⁷⁄₈
" (4.76)
1⁷⁄₈
" (4.76)
²¹⁄₃₂
"(1.67)
1" (2.54)
1³⁄₈
" (3.49)
6¹⁄₈
" (15.56)
T-Type
Kellems Flexible T-Type Pulling Grips are made of high strength galvanized steel strand. They feature double weave mesh for
positive holding power in medium to heavy pulling jobs. The grip eye will easily attach to a swivel.
Application
T-Type Pulling Grips are used for the installation of underground power cables, communication lines and service lines into
factories, construction projects and for general underground electrical construction. Available in two mesh lengths, short for
medium pulls, and standard for general purpose pulling.
Benefits
• Will pull a single cable or cable bundles.
• Patented flexible eye design provides flexibility to follow line of pull.
• A dependable, reusable pulling tool.
• Easily installed and removed.
• Mates easily with a swivel. See page V-16.
Kellems® Wire Management Products
Technical Information
Pulling Grips
F
D
A
3/16 R.
1/8 R.
C
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com