Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 43 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 43 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 39Page - TE Connectivity Ltd 03303003 Datasheet HTML 40Page - TE Connectivity Ltd 03303003 Datasheet HTML 41Page - TE Connectivity Ltd 03303003 Datasheet HTML 42Page - TE Connectivity Ltd 03303003 Datasheet HTML 43Page - TE Connectivity Ltd 03303003 Datasheet HTML 44Page - TE Connectivity Ltd 03303003 Datasheet HTML 45Page - TE Connectivity Ltd 03303003 Datasheet HTML 46Page - TE Connectivity Ltd 03303003 Datasheet HTML 47Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 106 page
background image
V-43
www.hubbell-wiring.com
Wiring Device-Kellems
®
Split Support Grip Lace Closing Instructions
Single Weave Grips should be laced with single strand lacing; double weave with double strand. Lacing strands should be
the same material as the grip. Kellems supplies the appropriate lacing with each grip.
1. Start the lacing at the lead or anchoring end of the grip. Thread the lacings through the first two loops of the split and
pull through until the lacings are centered at this point. Lace as you would your shoe, crossing the lacings before lacing
the next two loops.
2. Don’t pull lacing too tight. Leave a space between adjoining loops approximately equal to the width of one diamond of
the mesh.
3. Twist the lacing strands tightly together at the tail end of the grip.
4. Wrap the ends of the lacings once or twice tightly around the tail of the grip, twisting the ends together securely.
Excess lace can be cut off.
Split Support Grip Rod Closing Instructions
The stainless steel rod is a precise built-in feature which makes threading easy and fast. The strands of the mesh pass
around the rod and match up with the strands from the opposite direction. The rod does not touch the cable at any point and
therefore cannot cut the cable. Rod Closing Grips are reusable. They may be removed and reused as many times as desired.
1. Fast to install
Wrap the grip around the cable and thread the rod through the pre-formed loops with a corkscrew motion, using the
curved end of the rod to engage the loops.
2. The action required is a steady push and twist simultaneously. The fingers of the left hand are used to bring the loops
together just ahead of the hook on the end of the rod.
3. To remove, simply pull the rod out.
Kellems® Wire Management Products
Technical Information
Support Grips



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com