Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 44 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 44 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 40Page - TE Connectivity Ltd 03303003 Datasheet HTML 41Page - TE Connectivity Ltd 03303003 Datasheet HTML 42Page - TE Connectivity Ltd 03303003 Datasheet HTML 43Page - TE Connectivity Ltd 03303003 Datasheet HTML 44Page - TE Connectivity Ltd 03303003 Datasheet HTML 45Page - TE Connectivity Ltd 03303003 Datasheet HTML 46Page - TE Connectivity Ltd 03303003 Datasheet HTML 47Page - TE Connectivity Ltd 03303003 Datasheet HTML 48Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 106 page
background image
www.hubbell-wiring.com
V-44
Wiring Device-Kellems
®
Number of Cables in One Grip
2
3
4
5
6 and 7
8
9
Grip Dia. Range
Inches (cm)
.30-.38
(.76-.97)
.25-.31
(.63-.79)
.22-.27
(.56-.69)
.19-.24
(.48-.61)
.17-.22
(.43-.56)
.15-.19
(.38-.48)
.14-.18
(.36-.46)
.50-.61
(1.27-1.55)
.38-.44
(.97-1.12)
.31-.36
(.79-.91)
.27-.31
(.69-.79)
.24-.29
(.61-.74)
.22-.26
(.56-.66)
.19-.23
(.48-.58)
.18-.21
(.46-.53)
.62-.74
(1.57-1.88)
.44-.59
(1.12-1.50)
.36-.49
(.91-1.24)
.31-.42
(.79-1.07)
.29-.38
(.74-.97)
.26-.34
(.66-.86)
.23-.31
(.58-.79)
.21-.28
(.53-.71)
.75-.99
(1.90-2.51)
.59-.75
(1.50-1.90)
.49-.63
(1.24-1.60)
.42-.54
(1.07-1.37)
.38-.48
(.97-1.22)
.34-.43
(.86-1.09)
.31-.39
(.79-.99)
.28-.35
(.71-.89)
1.00-1.24
(2.54-3.15)
.75-.90
(1.90-2.29)
.63-.76
(1.60-1.93)
.54-.65
(1.37-1.65)
.48-.58
(1.22-1.47)
.43-.52
(1.09-1.32)
.39-.46
(.99-1.17)
.35-.42
(.89-1.07)
1.25-1.49
(3.17-3.78)
.90-1.07
(2.29-2.72)
.76-.89
(1.93-2.26)
.65-.77
(1.65-1.96)
.58-.67
(1.47-1.70)
.52-.60
(1.32-1.52)
.46-.54
(1.17-1.37)
.42-.49
(1.07-1.24)
1.50-1.74
(3.81-4.42)
1.07-1.22
(2.72-3.10)
.89-1.02
(2.26-2.59)
.77-.88
(1.96-2.24)
.67-.77
(1.70-1.96)
.60-.69
(1.52-1.75)
.54-.62
(1.37-1.57)
.49-.56
(1.24-1.42)
1.75-1.99
(4.44-5.05)
1.22-1.53
(3.10-3.89)
1.02-1.28
(2.59-3.25)
.88-1.10
(2.24-2.79)
.77-.96
(1.96-2.44)
.69-.86
(1.75-2.18)
.62-.77
(1.57-1.96)
.56-.71
(1.42-1.80)
2.00-2.49
(5.08-6.32)
1.53-1.83
(3.89-4.65)
1.28-1.53
(3.25-3.89)
1.10-1.32
(2.79-3.35)
.96-1.16
(2.44-2.95)
.86-1.03
(2.18-2.62)
.77-.93
(1.96-2.36)
.71-.85
(1.80-2.16)
2.50-2.99
(6.35-7.59)
1.83-2.14
(4.65-5.44)
1.53-1.79
(3.89-4.55)
1.32-1.54
(3.35-3.91)
1.16-1.35
(2.95-3.43)
1.03-1.20
(2.62-3.05)
.93-1.08
(2.36-2.74)
.85-.99
(2.16-2.51)
3.00-3.49
(7.62-8.86)
2.14-2.44
(5.44-6.20)
1.79-2.05
(4.55-5.21)
1.54-1.76
(3.91-4.47)
1.35-1.54
(3.43-3.91)
1.20-1.37
(3.05-3.48)
1.08-1.24
(2.74-3.15)
.99-1.13
(2.51-2.87)
3.50-3.99
(8.89-10.13)
2.44-2.75
(6.20-6.98)
2.05-2.30
(5.21-5.84)
1.76-1.98
(4.47-5.03)
1.54-1.74
(3.91-4.42)
1.37-1.55
(3.48-3.94)
1.24-1.39
(3.15-3.53)
1.13-1.27
(2.87-3.23)
4.00-4.49
(10.16-11.40)
2.75-3.06
(6.98-7.77)
2.30-2.56
(5.84-6.50)
1.98-2.20
(5.03-5.59)
1.74-1.93
(4.42-4.90)
1.55-1.72
(3.94-4.37)
1.39-1.55
(3.53-3.94)
1.27-1.41
(3.23-3.58)
4.50-4.99
(11.43-12.67)
Note: *This chart is to be used for determining grip size when multiple cables are held in a single Support Grip. For Conduit Riser multiple cable selection, see page V-45.
It is always recommended that, when multiple cables are installed in a Support Grip, the tail end of the grip be banded after installation on the cable bundle.
See page Tech-23 for cable and wire charts.
For Support Grips Only*
Multiple Cable Selection Charts for Cables and Wires of Unequal Diameters
How to choose the correct grip size:
1. Find the Grip Circumference Range by measuring the circumference
of the bundle of different diameter cables to be gripped (see illustration).
2. Divide the bundle circumference by 3.14 to determine the diameter.
3. Choose a grip offering a range of cable diameters the same as the
cable diameter.
For Cables of Equal Diameters
Under “Number of Cables in One Grip”, find the diameter of your single cable in vertical column. Read the grip diameter range to the right.
If your diameter is the maximum of the range shown, go to the next larger size for Split Grips, stay with the same size for Closed Grips.
Example: 3 cables, each with .89" (2.26) diameter, for a Closed Grip select the 1.50"-1.74" (3.81-4.42) range, for a Split Grip select the
1.75"-1.99" (4.44-5.05) range.
Kellems® Wire Management Products
Technical Information
Support Grips



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com