Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 75 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 75 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 71Page - TE Connectivity Ltd 03303003 Datasheet HTML 72Page - TE Connectivity Ltd 03303003 Datasheet HTML 73Page - TE Connectivity Ltd 03303003 Datasheet HTML 74Page - TE Connectivity Ltd 03303003 Datasheet HTML 75Page - TE Connectivity Ltd 03303003 Datasheet HTML 76Page - TE Connectivity Ltd 03303003 Datasheet HTML 77Page - TE Connectivity Ltd 03303003 Datasheet HTML 78Page - TE Connectivity Ltd 03303003 Datasheet HTML 79Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 106 page
background image
V-75
www.hubbell-wiring.com
Wiring Device-Kellems
®
45° Angle with Male Fitting with Insulated Throat
Dimensions, Inches
Trade
Size
Inches
H
J
Ref.
K
L
M
Throat
Dia.
N
Catalog
Number
A/C*
A/F*
A/C*
A/F*
³⁄₈
1.25" 1.28" .66" 1.20" 1.06" .57"
1.16" 1.02"
074093561
½
1.25" 1.28" .66" 1.34" 1.19" .57"
1.21" 1.06"
074093562
¾
1.25" 1.44" .66" 1.55" 1.45" .78"
1.50" 1.32"
074093563
1
1.44" 1.53" .72" 1.95" 1.69" .98"
1.82" 1.59"
074093564
1¼
1.48" 1.69" .69" 2.39" 2.06" 1.29" 2.32" 2.03"
074093565
1½
1.72" 2.00" .72" 2.72" 2.38" 1.53" 2.62" 2.29"
074093566
2
1.75" 2.25" .72" 3.08" 2.87" 1.95" 3.21" 2.80"
074093568
Kellems® Wire Management Products
Technical Information
Strain Relief for Liquidtight Conduit
Dimensions shown are approximate and
are subject to change without notice.
Note: *A/C - Across Corners; A/F - Across Flats.
J
M
Throat
Dia.
L
K
H
N
A/C A/F
D
Throat
Dia.
E
A/C A/F
C
A
Ref.
B
Ref.
G
O
Throat
Dia.
E
D
F
P
A/C A/F
90° Angle with Male Fitting
Dimensions, Inches
Trade
Size
Inches
D
E
F
G
Ref.
O
Throat
Dia.
P
Catalog
Number
A/C*
A/F*
A/C*
A/F*
³⁄₈
1.31" .59"
1.20" 1.06" 1.44" .60"
1.13" .99"
074093421
½
1.31" .59"
1.34" 1.12" 1.44" .61"
1.21" 1.00"
074093422
¾
1.44" .59"
1.55" 1.45" 1.63" .83"
1.48" 1.29"
074093423
1
1.78" .66"
1.95" 1.60" 2.19" 1.05" 1.80" 1.57"
074093424
1¼
1.97" .63"
2.39" 2.06" 2.50" 1.37" 2.32" 2.02"
074093425
1½
2.19" .66"
2.72" 2.38" 2.69" 1.61" 2.58" 2.25"
074093426
2
2.53" .66"
3.08" 2.87" 3.25" 2.05" 3.14" 2.75"
074093428
45° Angle with Male Fitting
Dimensions, Inches
Trade
Size
Inches
H
J
Ref.
K
L
M
Throat
Dia.
N
Catalog
Number
A/C*
A/F*
A/C*
A/F*
³⁄₈
1.19" 1.28" .59"
1.20" 1.06"
.60" 1.16" 1.02"
074093441
½
1.19" 1.28" .59"
1.34" 1.19"
.61" 1.21" 1.06"
074093442
¾
1.19" 1.43" .59"
1.55" 1.45"
.84" 1.50" 1.32"
074093443
1
1.38" 1.53" .66" 1.95" 1.69"
1.05" 1.82" 1.59"
074093444
1¼
1.42" 1.69" .63"
2.39" 2.06"
1.37" 2.32" 2.03"
074093445
1½
1.66" 2.00" .66" 2.72" 2.38"
1.60" 2.62" 2.29"
074093446
2
1.69" 2.25" .66" 3.08" 2.88"
2.05" 3.21" 2.80"
074093448
Liquidtight Conduit Grip Fitting Dimensions, Inches
Straight with Male Fitting
Dimensions, Inches
Trade
Size
Inches
A
Ref.
B
Ref.
C
D
Throat
Dia.
E
Catalog
Number
A/C*
A/F*
A/C*
A/F*
³⁄₈
1.43" .59"
1.20" 1.06"
.61" 1.07" .93"
074093401
½
1.43" .59"
1.34" 1.19"
.61" 1.22" 1.06"
074093402
¾
1.56" .59"
1.55" 1.37"
.84" 1.43" 1.25"
074093403
1
1.68" .66"
1.95" 1.69"
1.06" 1.73" 1.56"
074093404
1¼
2.03" .63"
2.39" 2.06"
1.37" 2.36" 2.08"
074093405
1½
2.21" .63"
2.72" 2.38"
1.53" 2.79" 2.48"
074093406
2
2.28" .69"
3.08" 2.87"
2.06" 3.32" 2.90"
074093408
Straight with Male Fitting with Insulated Throat
Dimensions, Inches
Trade
Size
Inches
A
Ref.
B
Ref.
C
D
Throat
Dia.
E
Catalog
Number
A/C*
A/F*
A/C*
A/F*
³⁄₈
1.50" .66"
1.20" 1.06" .57"
1.07" .93"
074093511
½
1.50" .66"
1.34" 1.19"
.57"
1.22" 1.06"
074093512
¾
1.62" .66"
1.55" 1.38" .78"
1.43" 1.25"
074093513
1
1.75" .72"
1.95" 1.69" .98"
1.73" 1.56"
074093514
1¼
2.09" .69"
2.39" 2.06" 1.29" 2.36" 2.08"
074093515
1½
2.28" .69"
2.72" 2.37" 1.53" 2.79" 2.48"
074093516
2
2.34" .75"
3.08" 2.87" 1.95" 3.32" 2.90"
074093518
2½
3.56" 1.06" 3.92" 3.62" 2.42" 3.85" 3.60"
074093520
3
3.81" 1.06" 4.70" 4.31" 3.01" 4.65" 4.33"
074093522
4
3.81" 1.06" 5.75" 5.31" 3.96" 5.75" 5.39"
074093526
90° Angle with Male Fitting with Insulated Throat
Dimensions, Inches
Trade
Size
Inches
D
E
F
G
Ref.
O
Throat
Dia.
P
Catalog
Number
A/C*
A/F*
A/C*
A/F*
³⁄₈
1.38" .66"
1.20" 1.06" 1.44" .60" 1.13" .99"
074093541
½
1.38" .66"
1.34" 1.12" 1.44" .57"
1.21" 1.00"
074093542
¾
1.50" .66"
1.55" 1.45" 1.63" .78"
1.48" 1.29"
074093543
1
1.84" .66"
1.95" 1.60" 2.19" .98"
1.80" 1.57"
074093544
1¼
2.03" .69"
2.39" 2.06" 2.50" 1.29" 2.32" 2.02"
074093545
1½
2.25" .69"
2.72" 2.38" 2.69" 1.53" 2.58" 2.20"
074093546
2
2.59" .72"
3.08" 2.87" 3.25" 1.95" 3.14" 2.75"
074093548
2½
3.44" 1.00" 3.92" 3.63" 4.25" 2.42" 3.78" 3.50"
074093550
3
3.75" 1.00" 4.70" 4.31" 4.87" 3.01" 4.64" 4.30"
074093552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com