Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 39 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 39 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 35Page - TE Connectivity Ltd 03303003 Datasheet HTML 36Page - TE Connectivity Ltd 03303003 Datasheet HTML 37Page - TE Connectivity Ltd 03303003 Datasheet HTML 38Page - TE Connectivity Ltd 03303003 Datasheet HTML 39Page - TE Connectivity Ltd 03303003 Datasheet HTML 40Page - TE Connectivity Ltd 03303003 Datasheet HTML 41Page - TE Connectivity Ltd 03303003 Datasheet HTML 42Page - TE Connectivity Ltd 03303003 Datasheet HTML 43Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
V-39
www.hubbell-wiring.com
Wiring Device-Kellems
®
Suitable For Standard Electrical Rigid Metal Conduit and Schedule 40 Rigid PVC Conduit Only
Cable
Sizes
In. (cm)
.75"- .99"
(1.90-2.51)
1.00"- 1.24"
(2.54-3.15)
1.25"- 1.49"
(3.17-3.78)
1.50"-1.74"
(3.81-4.42)
1.75"- 1.99"
(4.44-5.05)
2.00"- 2.49"
(5.08-6.32)
2.50"- 2.99"
(6.35-7.59)
3.00"- 3.49"
(7.62-8.86)
3.50" -3.99"
(8.89-10.13)
Model
RR075
RR100
RR125
RR150
RR175
RR200
RR250
RR300
RR350
Length
In. (cm)
11" (27.94)
12" (30.48)
12" (30.48)
14" (35.56)
15" (38.10)
17" (43.18)
18" (45.72)
20" (50.80)
21" (53.34)
Conduit
Sizes
Inches
Catalog Number
Approx. Breaking Strength Lbs. (N)
1¼
02213003
1,020 (4,537)
—
—
—
—
—
—
—
—
1½
02213007
970 (4,315)
02213009
1,610 (7,161)
—
—
—
—
—
—
—
2
—
02213012
1,520 (6,761)
02213013
1,610 (7,161)
—
—
—
—
—
—
2½
—
—
02213017
1,510 (6,716)
02213018
1,610 (7,161)
—
—
—
—
—
3
—
—
02213023
1,400 (6,227)
02213024
1,490 (6,627)
02213025
1,990 (8,851)
02213026
3,260 (14,500)
—
—
—
3½
—
—
—
—
—
02213033
2,970 (13,211)
—
—
—
4
—
—
—
—
—
02213041
2,670 (11,876)
02213042
2,890 (12,855)
—
—
Note: See page V-45 for multiple cables in a single conduit riser grip.
Kellems® Wire Management Products
Conduit Riser Grips
Ring Type, Single Weave, Tin-Coated Bronze
Single Weave, Split Mesh, Rod Closing Benefits
• Easy and fast to install.
• Will not damage electrical cable.
• Allows cable to expand or contract.
• Ideal way to hold cable in vertical conduit.
• Prevents cable creep in conduit.
• Helps prevent cable pullouts.
• The rings will fit schedule 40 rigid PVC conduit and standard electrical
rigid metal conduit only.
• For support when cable end is not available.
IMPORTANT
Read all breaking strength,
safety and technical data
relating to this product.
Pages V-41 and V-45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com