Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 5Page - TE Connectivity Ltd 03303003 Datasheet HTML 6Page - TE Connectivity Ltd 03303003 Datasheet HTML 7Page - TE Connectivity Ltd 03303003 Datasheet HTML 8Page - TE Connectivity Ltd 03303003 Datasheet HTML 9Page - TE Connectivity Ltd 03303003 Datasheet HTML 10Page - TE Connectivity Ltd 03303003 Datasheet HTML 11Page - TE Connectivity Ltd 03303003 Datasheet HTML 12Page - TE Connectivity Ltd 03303003 Datasheet HTML 13Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
V-9
www.hubbell-wiring.com
Wiring Device-Kellems
®
T-Type Grips
Cable Diameter Range
Inches (cm)
Approx. Breaking
Strength Lbs. (N)
E
Inches (cm)
M
Inches (cm)
Catalog Number
Short
.50"-.62" (1.27-1.57)
4,500 (20,016)
8" (20.32)
21" (53.34)
033041082
.63"-.74" (1.60-1.88)
5,600 (24,909)
8" (20.32)
24" (60.96)
033041083
.75"-.99" (1.90-2.51)
6,800 (30,246)
9" (22.86)
24" (60.96)
033041084
1.00"-1.49" (2.54-3.78)
9,600 (42,701)
9" (22.86)
24" (60.96)
033041085
1.50"-1.99" (3.81-5.05)
16,400 (72,947)
11" (27.94)
24" (60.96)
033041086
2.00"-2.49" (5.08-6.32)
18,500 (82,288)
12" (30.48)
24" (60.96)
033041087
2.50"-2.99" (6.35-7.59)
24,500 (108,976)
12" (30.48)
24" (60.96)
033041088
3.00"-3.49" (7.62-8.86)
24,500 (108,976)
14" (35.56)
24" (60.96)
033041089
3.50"-3.99" (8.89-10.13)
31,000 (137,888)
14" (35.56)
26" (66.04)
033041090
Standard
.75"-.99" (1.90-2.51)
6,800 (30,246)
9" (22.86)
36" (91.44)
033041091
1.00"-1.49" (2.54-3.78)
9,600 (42,701)
9" (22.86)
36" (91.44)
033041092
1.50"-1.99" (3.81-5.05)
16,400 (72,947)
11" (27.94)
36" (91.44)
033041093
2.00"-2.49" (5.08-6.32)
18,500 (82,288)
12" (30.48)
36" (91.44)
033041094
2.50"-2.99" (6.35-7.59)
24,500 (108,976)
12" (30.48)
36" (91.44)
033041095
3.00"-3.49" (7.62-8.86)
24,500 (108,976)
14" (35.56)
36" (91.44)
033041096
3.50"-3.99" (8.89-10.13)
31,000 (137,888)
14" (35.56)
40" (101.60)
033041097
Note: E- Eye length. M-Mesh length at nominal diameter.
See page V-25 for multiple cables in a single pulling grip.
Kellems® Wire Management Products
Underground T-Type Pulling Grips
Flexible Eye, Double Weave, Galvanized Steel
T-Type Grips
Kellems® Flexible T-Type Pulling Grips are made of high strength galvanized steel strand.
They feature double weave mesh for positive holding power in medium to heavy pulling
jobs. The grip eye will easily attach to a swivel.
IMPORTANT
Read all breaking strength,
safety and technical data
relating to this product.
Pages V-17 to V-26.
M
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com