Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 49 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 49 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 45Page - TE Connectivity Ltd 03303003 Datasheet HTML 46Page - TE Connectivity Ltd 03303003 Datasheet HTML 47Page - TE Connectivity Ltd 03303003 Datasheet HTML 48Page - TE Connectivity Ltd 03303003 Datasheet HTML 49Page - TE Connectivity Ltd 03303003 Datasheet HTML 50Page - TE Connectivity Ltd 03303003 Datasheet HTML 51Page - TE Connectivity Ltd 03303003 Datasheet HTML 52Page - TE Connectivity Ltd 03303003 Datasheet HTML 53Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 106 page
background image
V-49
www.hubbell-wiring.com
Wiring Device-Kellems
®
Fiber Optic Pulling Grip, Flexible Eye, Low Profile, Double/Single Weave Mesh
Cable Diameter Range
Inches (cm)
Approx. Breaking
Strength Lbs. (N)
E
Approx.
Inches (cm)
M
Approx.
Inches (cm)
Catalog Number
.10"-.22 (.25-.56)
900 (4,003)
7.5" (19)
10" (25)
033291193
.21"-.35" (.53-.89)
1,400 (6,227)
7.5" (19)
14" (36)
033291194
.32"-.48" (.81-1.22)
2,000 (8,896)
8.5" (22)
19" (48)
033291195
.42"-.61" (1.07-1.55)
2,500 (11,120)
8.5" (22)
21" (53)
033291196
.53"-.74" (1.35-1.88)
3,000 (13,344)
8.5" (22)
23" (58)
033291197
.64"-.87" (1.63-2.21)
4,200 (18,682)
8.5" (22)
25" (64)
033291198
.75"-1.00" (1.90-2.54)
4,200 (18,682)
8.5" (22)
28" (71)
033291199
Fiber Optic Slack Pulling Grip, Split Mesh Rod Closing, Single Weave
Cable Diameter Range
Inches (cm)
Approx. Breaking
Strength Lbs. (N)
E
Approx.
Inches (cm)
M
Approx.
Inches (cm)
Catalog Number
.25"-.37" (.63-.94)
300 (1,334)
3" (7.6)
4.7" (12)
033291015
.38"-.49" (.97-1.24)
800 (3,558)
3" (7.6)
5" (13)
033291016
.50"-.61" (1.27-1.55)
800 (3,558)
3" (7.6)
7.5" (19)
033291017
.62"-.74" (1.57-1.88)
1,200 (5,338)
3" (7.6)
8" (20)
033291018
Note: E-Eye length. M-Mesh length at nominal diameter.
Kellems® Wire Management Products
Fiber Optic Cable Pulling Grips
Galvanized Steel for Outside Plant Cable
IMPORTANT
Read all breaking strength,
safety and technical data
relating to this product.
Pages V-51 to V-54.
E
M
E
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com