Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 36 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 36 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 32Page - TE Connectivity Ltd 03303003 Datasheet HTML 33Page - TE Connectivity Ltd 03303003 Datasheet HTML 34Page - TE Connectivity Ltd 03303003 Datasheet HTML 35Page - TE Connectivity Ltd 03303003 Datasheet HTML 36Page - TE Connectivity Ltd 03303003 Datasheet HTML 37Page - TE Connectivity Ltd 03303003 Datasheet HTML 38Page - TE Connectivity Ltd 03303003 Datasheet HTML 39Page - TE Connectivity Ltd 03303003 Datasheet HTML 40Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 106 page
background image
www.hubbell-wiring.com
V-36
Wiring Device-Kellems
®
Safety Spring
Maximum Deflection
Inches/Lbs (cm/N)
Approx. Breaking
Strength Lbs. (N)
Length*
Inches (cm)
Diameter
Inches (cm)
Model
Lbs. (N)
Catalog Number
2¾" at 40 lbs.
(6.98 at 178)
500 (2,224)
8.25" (20.95)
.75" (1.90)
40 lb. spring
(178)
20302001
3¹⁄₈
" at 80 lbs.
(7.94 at 356)
850 (3,781)
8.25" (20.95)
1" (2.54)
80 lb. spring
(356)
20302002
Note: Springs can be used with single eye grips by disassembling drawbar from coil, placing through eye and replacing drawbar.
*No load.
Single Eye, Wide Range
Cable Diameter Range
Inches (cm)
Approx. Breaking
Strength Lbs. (N)
E
Inches (cm)
M
Inches (cm)
Catalog Number
.24"-.32" (.61-.81)
350 (1,557)
3" (7.62)
3.5" (8.89)
073041276**
.32"-.43" (.81-1.09)
450 (2,002)
4" (10.16)
4" (10.16)
073041277
.43"-.56" (1.09-1.42)
550 (2,446)
6" (15.24)
4.75" (12.06)
073041278
.56"-.73" (1.42-1.85)
1,000 (4,448)
7" (17.78)
6" (15.24)
073041279
.73"-.85" (1.85-2.16)
1,400 (6,227)
7" (17.78)
6.75" (17.14)
073041280
.85"-1.00" (2.16-2.54)
1,400 (6,227)
8" (20.32)
8" (20.32)
073041281
1.00"-1.25" (2.54-3.17)
1,500 (6,672)
9" (22.86)
9.5" (24.13)
073041282
Universal Eye, Wide Range
Cable Diameter Range
Inches (cm)
Approx. Breaking
Strength Lbs. (N)
E
Inches (cm)
M
Inches (cm)
Catalog Number
.32"-.43" (.81-1.09)
450 (2,002)
10" (25.40)
4" (10.16)
073041284
.43"-.56" (1.09-1.42)
550 (2,446)
12" (30.48)
4.75" (12.06)
073041285
.56"-.73" (1.42-1.85)
1,000 (4,448)
13" (33.02)
6" (15.24)
073041286
.73"-.85" (1.85-2.16)
1,400 (6,227)
13" (33.02)
6.75" (17.14)
073041287
.85"-1.00" (2.16-2.54)
1,400 (6,227)
14" (35.56)
8" (20.32)
073041288
1.00"-1.25" (2.54-3.17)
1,500 (6,672)
15" (38.10)
9.5" (24.13)
073041289
Note: E-Eye length. M-Mesh length at nominal diameter.
**Item indicated is not UL listed.
Kellems® Wire Management Products
Bus Drop Support Grips
Single Eye, Universal Eye, Galvanized Steel
Bus Drop Grips and Safety Springs
Kellems Bus Drop Grips are offered with either a single eye or universal bale attachment.
The mesh is single weave galvanized steel with the patented wide range construction.
They are suitable for indoor use only. Consult Technical Service for Stainless Steel Grips.
Application
Bus Drop Grips provide a safe, easy and economical method to support flexible cord or
bus drop cable at bus duct and other industrial areas.
Benefits
• Easily installed.
• Absorb tension, vibration and pull with no cable damage.
• Patented mesh construction.
Safety Spring
Springs can be used with single eye grips by disassembling drawbar from coil, placing
through eye and replacing drawbar.
Strain
Relief
Grip
Bus
Drop
Grips
Motor Box
Safety Spring
Strain
Relief
Grip
IMPORTANT
Read all breaking strength,
safety and technical data
relating to this product.
Pages V-41 to V-45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com