Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 64 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 64 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 60Page - TE Connectivity Ltd 03303003 Datasheet HTML 61Page - TE Connectivity Ltd 03303003 Datasheet HTML 62Page - TE Connectivity Ltd 03303003 Datasheet HTML 63Page - TE Connectivity Ltd 03303003 Datasheet HTML 64Page - TE Connectivity Ltd 03303003 Datasheet HTML 65Page - TE Connectivity Ltd 03303003 Datasheet HTML 66Page - TE Connectivity Ltd 03303003 Datasheet HTML 67Page - TE Connectivity Ltd 03303003 Datasheet HTML 68Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 106 page
background image
www.hubbell-wiring.com
V-64
Wiring Device-Kellems
®
E
M
Application
Kellems® I-Grips will fit 2, 3, 4 and 5 wire Hubbell Insulgrip® plugs and connector bodies. The eye tabs fit
under the nylon cord clamp and the screws slide through the eyelets, securing the grip in place.
These grips are for indoor use only.
Benefits
• Easily attached to Insulgrip plugs and connector bodies.
• Controls cable arc-of-bend.
• Provides heavy-duty strain relief.
• Fits all sizes.
Kellems® Wire Management Products
I-Grips
Plastic-Coated, Galvanized Steel Mesh for Insulated Cables
I-Grips
Cable Diameter Range
Inches
(cm)
E
Inches (cm)
M
Inches (cm)
Catalog Number
.32"-.43"
(.81-1.09)
1.25" (3.17)
4" (10.16)
07310001
.43"-.56"
(1.09-1.42)
1.25" (3.17)
4.75" (12.06)
07310002
.56"-.73"
(1.42-1.85)
1.50" (3.81)
6" (15.24)
07310003
.73"-.85"
(1.85-2.16)
1.50" (3.81)
6.5" (16.51)
07310004
.85"-1.00"
(2.16-2.54)
1.50" (3.81)
8" (20.32)
07310005
1.00"-1.25"
(2.54-3.17)
1.50" (3.81)
10" (25.40)
07310006
Note: E-Eye length. M-Mesh length at nominal diameter.
Eyelet hole diameter .203" (.52cm).
I-Grips should not be used on Insulgrip devices when “Seal-Tite®” weatherproof covers are to be installed.
IMPORTANT
Read all breaking strength,
safety and technical data
relating to this product.
Pages V-69 to V-76.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com