Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 6Page - TE Connectivity Ltd 03303003 Datasheet HTML 7Page - TE Connectivity Ltd 03303003 Datasheet HTML 8Page - TE Connectivity Ltd 03303003 Datasheet HTML 9Page - TE Connectivity Ltd 03303003 Datasheet HTML 10Page - TE Connectivity Ltd 03303003 Datasheet HTML 11Page - TE Connectivity Ltd 03303003 Datasheet HTML 12Page - TE Connectivity Ltd 03303003 Datasheet HTML 13Page - TE Connectivity Ltd 03303003 Datasheet HTML 14Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
www.hubbell-wiring.com
V-10
Wiring Device-Kellems
®
Slack Grip-Closed Mesh, Offset Eye, Double Weave, Galvanized Steel
Cable Diameter Range
Inches (cm)
Approx. Breaking
Strength Lbs. (N)
E
Inches (cm)
M
Inches (cm)
Catalog Number
Standard
.75"-.99" (1.90-2.51)
2,600 (11,565)
7" (17.78)
12" (30.48)
03308003
1.00"-1.24" (2.54-3.15)
4,000 (17,792)
8" (20.32)
15" (38.10)
03308004
1.25"-1.49" (3.17-3.78)
5,400 (24,019)
8" (20.32)
16" (40.64)
03308005
1.50"-1.74" (3.81-4.42)
6,600 (29,357)
8" (20.32)
20" (50.80)
03308006
1.75"-1.99" (4.44-5.05)
10,000 (44,480)
10" (25.40)
18" (45.72)
03308007
2.00"-2.49" (5.08-6.32)
11,000 (48,928)
10" (25.40)
19" (48.26)
03308008
2.50"-2.99" (6.35-7.59)
11,000 (48,928)
10" (25.40)
20" (50.80)
03308009
3.00"-3.49" (7.62-8.86)
14,500 (64,496)
12" (30.48)
21" (53.34)
03308010
3.50"-3.99" (8.89-10.13)
14,500 (64,496)
12" (30.48)
22" (55.88)
03308011
Note: E- Eye length. M-Mesh length at nominal diameter.
See page V-25 for multiple cables in a single pulling grip.
Kellems® Wire Management Products
Special Purpose Pulling Grips
Non-Conductive and Slack Pulling
Non-Conductive Grips
Kellems® Non-Conductive Pulling Grips, made of a high strength, non-conductive aramid
fiber, are available for pulling single cable or cable bundles. Their braided double weave
design adds strength and positive holding power.
Non-Conductive Grips, Single Eye, Double Weave, Non-Metallic
Cable Diameter Range
Inches (cm)
Approx. Breaking
Strength Lbs. (N)
E
Inches (cm)
M
Inches (cm)
A
Inches (cm)
Color Code
Catalog Number
.50"-.62" (1.27-1.57)
4,000 (17,792)
5.5" (13.97)
24" (60.96)
.44" (1.12)
Green
03628001
.63"-.74" (1.60-1.88)
5,000 (22,240)
5.5" (13.97)
26" (66.04)
.44" (1.12)
Yellow
03628002
.75"-.99" (1.90-2.51)
6,000 (26,688)
6.0" (15.24)
31" (78.74)
.63" (1.60)
Red
03628003
1.00"-1.24" (2.54-3.15)
6,000 (26,688)
6.5" (16.51)
36" (91.44)
.63" (1.60)
Blue
03628004
1.25"-1.49" (3.17-3.78)
6,000 (26,688)
6.7" (17.02)
41.5" (105.41)
.63" (1.60)
White
03628005
1.50"-1.99" (3.815.05)
6,000 (26,688)
8.0" (20.32)
44.0" (121.76)
.63" (1.60)
Pink
03628006
IMPORTANT
Read all breaking strength,
safety and technical data
relating to this product.
Pages V-17 to V-26.
Slack Pulling Grips
Slack Pulling Grips are offered in three styles made of galvanized steel. The closed
type is used when the cable end is accessible. When not accessible, there are
split lace and split rod closing styles. All grips feature a single offset eye for easy
attachment to a pulling line.
M
E
M
E
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com