Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 97 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 97 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 93Page - TE Connectivity Ltd 03303003 Datasheet HTML 94Page - TE Connectivity Ltd 03303003 Datasheet HTML 95Page - TE Connectivity Ltd 03303003 Datasheet HTML 96Page - TE Connectivity Ltd 03303003 Datasheet HTML 97Page - TE Connectivity Ltd 03303003 Datasheet HTML 98Page - TE Connectivity Ltd 03303003 Datasheet HTML 99Page - TE Connectivity Ltd 03303003 Datasheet HTML 100Page - TE Connectivity Ltd 03303003 Datasheet HTML 101Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 106 page
background image
V-97
www.hubbell-wiring.com
Wiring Device-Kellems
®
Hubbell Juniors®
Material
Operating Temperature Range
Nylon (connectors and GOTCHA® rings)
-40°F to +225°F (-40°C to +107°C)
Neoprene (bushings)
-30°F to +240°F (-34°C to +115°C)
Due to the limiting factors of nylon and neoprene, any complete liquidtight Hubbell Junior will continuously perform in the range
of -30°F to +225°F (-34°C to +107°C).
Snap-In continuously performs -40°F to +225°F (-40°C to +107°C).
Flammability
Hubbell Juniors have a UL 94V-2 rating.
Certifications
Product
Agency
Liquidtight and Liquidtight with Spiral
UL Listed.
CSA Certified.
Snap-In
UL Recognized.
CSA Certified.
Knockout Holes
Knockout Hole
Recommended
NPT
Min. to Max.
Hub Size
inches
(mm)
¼
.54"-.57"
(13.7-14.5)
³⁄₈
.67"-.70"
(17.0-17.8)
½
.86"-.91"
(21.8-23.1)
Kellems® Wire Management Products
Technical Information
Hubbell Juniors® Miniature Nylon Cord Connectors
Dimensions shown are approximate and
are subject to change without notice.
B
E
F
C
D
A
B
F
G
D
E
A
C
G
D
F
C
B
A
Chassis
Thickness
Max
E
Snap-In
Diameter
Range
Inches
(mm)
For Chassis
Thickness
(Max.)
Inches
(mm)
Required
Hole Size
A
Inches
(mm)
B
Inches
(mm)
Dimensional
Specifications
E
Inches
(mm)
F
Inches
(mm)
G
Inches
(mm)
C
Inches
(mm)
D
Inches
(mm)
.22"-.27"
(5.6-6.9)
.10"
(2.5)
.50"
(12.7)
.45"
(11.4)
.28"
(7.1)
.28"
(7.1)
.54"
(13.7)
.12"
(3.0)
1.84"
(44.2)
.28"-.32"
(7.1-8.1)
.10"
(2.5)
.50"
(12.7)
.47"
(11.9)
.28"
(7.1)
.33"
(8.4)
.59"
(15.0)
.12"
(3.0)
1.84"
(44.2)
.30"-.36"
(7.6-9.1)
.13"
(3.3)
.63"
(16.0)
.55"
(14.0)
.36"
(9.1)
.37"
(9.4)
.65"
(16.5)
.14"
(3.6)
2.18"
(55.4)
.32"-.43"
(8.1-10.9)
.13"
(3.3)
.75"
(19.0)
.66"
(16.8)
.45"
(11.4)
.44"
(11.2)
.75"
(19.1)
.14"
(3.6)
2.60"
(66.0)
Liquidtight
F
NPT
Inches
A
Dia.
Inches
(mm)
B
Ref.
Inches
(mm)
C
Inches
(mm)
D
Throat
Dia.
Inches
(mm)
E
Across
Corners
Inches
(mm)
Across
Flats
Inches
(mm)
¼-18
.65"
(16.5)
1.30"
(33.0)
.40"
(10.2)
.29"
(7.4)
.65"
(16.5)
.60"
(15.2)
³⁄₈
-18
.81"
(20.6)
1.44"
(36.6)
.41"
(10.4)
.36"
(9.1)
.81"
(20.6)
.75"
(19.1)
½-14
1.00"
(25.4)
1.56"
(39.6)
.46"
(11.7)
.45"
(11.4)
.99"
(25.1)
.92"
(23.4)
Liquidtight with Spiral
G
NPT
Inches
A
Dia.
Inches
(mm)
B
Ref.
Inches
(mm)
C
Inches
(mm)
D
Throat
Dia.
Inches
(mm)
E
Inches
(mm)
F
Across
Corners
Inches
(mm)
Across
Flats
Inches
(mm)
¼-18
.65"
(16.5)
2.55"
(64.8)
.40"
(10.2)
.29"
(7.4)
.27"
(6.9)
.65"
(16.5)
.60"
(15.2)
³⁄₈
-18
.81"
(20.6)
3.10"
(78.7)
.41"
(10.4)
.36"
(9.1)
.35"
(8.9)
.81"
(20.6)
.75"
(19.1)
½-14
1.00"
(25.4)
3.72"
(94.5)
.46"
(11.7)
.45"
(11.4)
.45"
(11.4)
.99"
(25.1)
.92"
(23.4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com