Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 32 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 32 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 28Page - TE Connectivity Ltd 03303003 Datasheet HTML 29Page - TE Connectivity Ltd 03303003 Datasheet HTML 30Page - TE Connectivity Ltd 03303003 Datasheet HTML 31Page - TE Connectivity Ltd 03303003 Datasheet HTML 32Page - TE Connectivity Ltd 03303003 Datasheet HTML 33Page - TE Connectivity Ltd 03303003 Datasheet HTML 34Page - TE Connectivity Ltd 03303003 Datasheet HTML 35Page - TE Connectivity Ltd 03303003 Datasheet HTML 36Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
www.hubbell-wiring.com
V-32
Wiring Device-Kellems
®
Heavy Duty, Single Eye, Closed Mesh
For heavy duty permanent support when cable end is available to be installed through grip.
Cable Diameter Range
Inches (cm)
Approx. Breaking Strength Lbs. (N)
E
Inches (cm)
M
Inches (cm)
Tin-Coated
Bronze
Stainless Steel
Tin-Coated Bronze
Stainless Steel
.75"-.99"
(1.90-2.51)
2,820 (12,543)
4,200 (18,683)
10" (25.40)
25" (63.50)
02206010
02406010
1.00"-1.24"
(2.54-3.15)
4,280 (19,037)
7,300 (32,472)
12" (30.48)
28" (71.12)
02206011
02406011
1.25"-1.49"
(3.17-3.78)
4,280 (19,037)
7,300 (32,472)
12" (30.48)
30" (76.20)
02206012
02406012
1.50"-1.99"
(3.81-5.05)
4,280 (19,037)
11,150 (49,598)
12" (30.48)
34" (86.36)
02206013
02406013
Single Eye, Split Mesh, Lace Closing
For permanent support when cable end is not available to be installed through grip.
Cable Diameter Range
Inches (cm)
Approx. Breaking Strength Lbs. (N)
E
Inches (cm)
M
Inches (cm)
Tin-Coated
Bronze
Stainless Steel
Tin-Coated Bronze
Stainless Steel
.75"-.99"
(1.90-2.51)
2,820 (12,543)
4,200 (18,683)
10" (25.40)
25" (63.50)
02207010
02407010
1.00"-1.24"
(2.54-3.15)
4,280 (19,037)
7,300 (32,472)
12" (30.48)
28" (71.12)
02207011
02407011
1.25"-1.49"
(3.17-3.78)
4,280 (19,037)
7,300 (32,472)
12" (30.48)
30" (76.20)
02207012
02407012
1.50"-1.99"
(3.81-5.05)
4,280 (19,037)
11,150 (49,598)
12" (30.48)
34" (86.36)
02207013
02407013
Note: E-Eye length. M-Mesh length at nominal diameter.
Kellems® Wire Management Products
Heavy Duty Support Grips
Single Eye, Double Weave, Tin-Coated Bronze and Stainless Steel
IMPORTANT
Read all breaking strength,
safety and technical data
relating to this product.
Pages V-41 to V-45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com